Electronic Components Datasheet Search
  English  ▼

X  

MAX5913 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX5913
Description  48V Quad Hot-Swap Controllers For Power-Over-LAN
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5913 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX5913 Datasheet HTML 9Page - Maxim Integrated Products MAX5913 Datasheet HTML 10Page - Maxim Integrated Products MAX5913 Datasheet HTML 11Page - Maxim Integrated Products MAX5913 Datasheet HTML 12Page - Maxim Integrated Products MAX5913 Datasheet HTML 13Page - Maxim Integrated Products MAX5913 Datasheet HTML 14Page - Maxim Integrated Products MAX5913 Datasheet HTML 15Page - Maxim Integrated Products MAX5913 Datasheet HTML 16Page - Maxim Integrated Products MAX5913 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
+48V Quad Hot-Swap Controllers For
Power-Over-LAN
______________________________________________________________________________________
13
A second comparator with a detection threshold of
3VSC activates a fast 15mA pulldown of the gate. The
purpose of this comparator is to rapidly discharge the
gate when a momentary current peak overstresses the
external FET helping the regulation to act more rapidly.
The sense resistor is also used to detect an open-circuit
or low-current condition with a typical threshold of 3mV.
Open-Circuit Detection
The MAX5913/MAX5914 detect when a port has low
current or is open circuit, and turn off the switch to that
port. After the switch is turned on and the Power-OK
conditions are met, the open-circuit detector is enabled
after a 900ms delay. The open-circuit voltage threshold
is set at 3mV across the current-sense resistor. Drive
OCEN high to enable open-circuit detectors for all four
ports. Drive OCEN low to disable the detectors. Each
port has an open-circuit flag that can be read from
STAT_ outputs when the STATOUT is low. STAT_ output
high indicates that the switch is latched off due to an
open-circuit condition on that port. To reset the latch
pull ON_ low and then high to restart (Table 1).
Output Voltage Sense and Power-OK
The MAX5913/MAX5914 sense the output voltage of
the port at the source of the external MOSFET switch.
FDT3612
N
VRLY
VCC
VRLY
VDD
RTIM
+12V
+3.3V
DIGITAL
INTERFACE
OUTPUTS
DIGITAL
INTERFACE
INPUTS
DGND
AGND
RLYD1
RLYD4
CSP1
DRAIN1
OUT1
1.0
µF
CSP4
DRAIN4
GATE4
OUT4
2k
Ω
0.33
Ω
100
Ω
100
Ω
0.33
Ω
1k
Ω
GATE1
FAULT
STAT1
STAT2
STAT3
STAT4
VCC
PORT 1
ON1
ON2
ON3
ON4
RLYON1
RLYON2
RLYON3
RLYON4
OCEN
RTRYEN
STATOUT
DC
VCC = +35V TO +72V
MAX5913
FDT3612
N
K4
NO
K1
NO
VRLY
PORT 4
1
µF
Figure 5. Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com