Electronic Components Datasheet Search
  English  ▼

X  

MAX5913 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5913
Description  48V Quad Hot-Swap Controllers For Power-Over-LAN
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5913 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5913 Datasheet HTML 1Page - Maxim Integrated Products MAX5913 Datasheet HTML 2Page - Maxim Integrated Products MAX5913 Datasheet HTML 3Page - Maxim Integrated Products MAX5913 Datasheet HTML 4Page - Maxim Integrated Products MAX5913 Datasheet HTML 5Page - Maxim Integrated Products MAX5913 Datasheet HTML 6Page - Maxim Integrated Products MAX5913 Datasheet HTML 7Page - Maxim Integrated Products MAX5913 Datasheet HTML 8Page - Maxim Integrated Products MAX5913 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
+48V Quad Hot-Swap Controllers For
Power-Over-LAN
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = VCSP_ = +48V, AGND = DGND = 0, VDD = +3.3V, VRLY = +12V, TA = -40°C to +85°C, unless otherwise noted. Typical values
are at VCC = VCSP_ = +48V and TA = +25°C.) (Note 3)
Note 1: See Typical Operating Characteristics for Current-Limit Foldback, and refer to Current Sensing and Regulation section.
Note 2: The resistor at RTIM can range from 2k
Ω to 40kΩ.
Note 3: Limits are 100% tested at TA = +25°C and TA = +85°C. Limits at -40°C are guaranteed by design and characterization, but
are not production tested.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
During current regulation
8
µA
VON = 0
1
mA
Gate Discharge Current
IGATE,DIS
(VCSP_ - VDRAIN_) > VFC
15
mA
Source-Gate Clamp Voltage
VSGZ
VOUT_ = 0, force 30mA into GATE_, measure
VGATE - VOUT
14
16.5
18
V
OPEN-CIRCUIT DETECTOR
Open-Circuit Current-Threshold
Voltage
VOC
Minimum
∆V across RSENSE to detect an
open circuit
1.5
3
4.5
mV
Delay to Open-Circuit Detect
tOC
(Figure 2)
450
900
1350
ms
Deglitch Delay
tLPFD
(VCSP_ - VDRAIN
__) < VOC (Figure 2)
106
204
302
ms
RELAY DRIVERS
Maximum Low Voltage (MAX5913)
VRLOW
RLYON = high, IRLYD_ = 100mA
0.5
V
Relay Pullup Current (MAX5914)
IRPLUP
RLYON = high, VRLYD_ = 0
0.3
0.8
1.3
mA
Clamp Diode Voltage
VRCLAMP
Force 100mA into RLYD, measure VRLYD -
VRLY
2V
Relay Output Leakage
RLYON_ = low, VRLYD_ = VRLY
1µA
TIMING
RRTIM = 2k
Ω
4.8
6.4
8.0
RRTIM = 40k
Ω
76
128
180
Short-Circuit and Startup Timer
(Note 2)
tO
On time for continuous
overcurrent conditions
RRTIM =
∞
3.2
6.4
9.6
ms
DC = logic low
1
DC = logic high
2
Auto-Retry Duty Cycle
DC = floating
4
%
Port Turn-ON Delay
tON_DEL
VON = 3.3V (Figure 3)
12.8
25.6
38.4
ms
Relay Turn-OFF Delay
tOFF_DEL
After RLYON_ goes low (Figure 3)
1.6
3.2
4.8
ms
DIGITAL INTERFACE
DC Pin Input Voltage High
VIH_DC
+1.8V
≤ VDD ≤ +3.7V
0.7 x VDD
V
DC Pin Input Voltage Low
VIL_DC
+1.8V
≤ VDD ≤ +3.7V
0.3 x VDD
V
DC Pin Input Impedance
RIN_DC
1k
Ω
Logic Input High
VIH
+1.8V
≤ VDD ≤ +3.7V
0.8 x VDD
V
Logic Input Low
VIL
+1.8V
≤ VDD ≤ +3.7V
0.3 x VDD
V
Logic Input Leakage
1µA
FAULT Output Voltage Low
VFL
ISINK = 4mA
0.4
V
FAULT High Input Leakage
1µA
Logic Output Voltage High
VOH
STAT_ outputs sourcing 0.5mA
VDD - 0.4
mV
Logic Output Voltage Low
VOL
STAT_ outputs sinking 0.5mA
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com