Electronic Components Datasheet Search
  English  ▼

X  

MAX5913 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX5913
Description  48V Quad Hot-Swap Controllers For Power-Over-LAN
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5913 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX5913 Datasheet HTML 1Page - Maxim Integrated Products MAX5913 Datasheet HTML 2Page - Maxim Integrated Products MAX5913 Datasheet HTML 3Page - Maxim Integrated Products MAX5913 Datasheet HTML 4Page - Maxim Integrated Products MAX5913 Datasheet HTML 5Page - Maxim Integrated Products MAX5913 Datasheet HTML 6Page - Maxim Integrated Products MAX5913 Datasheet HTML 7Page - Maxim Integrated Products MAX5913 Datasheet HTML 8Page - Maxim Integrated Products MAX5913 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
+48V Quad Hot-Swap Controllers For
Power-Over-LAN
4
_______________________________________________________________________________________
Typical Operating Characteristics
(VCSP_ = VCC = +48V, VDD = +3.3V, VRLY = +12V, AGND = DGND = 0, RTIM = open, TA = +25°C, unless otherwise specified.)
2.0
2.4
3.2
2.8
3.6
4.0
33
45 48
39 42
36
54 57
51
60 63 66 69 72
SUPPLY CURRENT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
TA = +85
°C
TA = +25
°C
TA = -40
°C
3.8
3.4
3.0
2.6
2.2
3.5
3.4
3.3
3.2
3.1
3.0
2.9
2.8
2.7
2.6
2.5
-40
10
-15
35
60
85
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
VCC = +36V
VCC = +48V
VCC = +57V
VCC = +72V
27
28
30
29
31
32
-40
10
-15
35
60
85
UNDERVOLTAGE LOCKOUT
vs. TEMPERATURE
TEMPERATURE (
°C)
VCC RISING
VCC FALLING
9.50
9.25
9.00
8.75
8.50
33 36 39
54 57 60
42 45 48 51
63
69
66
72
GATE OVERDRIVE VOLTAGE
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
TA = -40
°C
TA = +85
°C
TA = +25
°C
8.0
8.5
9.0
9.5
GATE OVERDRIVE VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
-40
35
60
-15
10
85
VCC = +57V
VCC = +72V
VCC = +48V
VCC = +36V
STARTUP WAVEFORMS
MAX5913/4 toc06
0
A
B
C
D
0
0
0
4ms/div
A: VON = VRLYON, 5V/div
B: VRLYD, 20V/div
C: VOUT, 20V/div
D: VGATE, 20V/div
TURN-OFF WAVEFORMS
MAX5913/4 toc07
0
A
B
C
D
0
0
0
4ms/div
A: VON = VRLYON, 5V/div
B: VRLYD, 20V/div
C: VOUT, 20V/div
D: VGATE, 20V/div
GATE TURN-OFF WAVEFORM
MAX5913/4 toc08
0
A
B
0
C
0
D
0
10ms/div
A: VRLYD, 20V/div
B: VRLYON, 5V/div
C: VON, 5V/div
D: VGATE, 20V/div
UVLO TURN-ON DELAY
MAX5913/4 toc09
0
A
B
0
C
0
D
0
4ms/div
RLYON = VDD
A: VON, 5V/div
B: VCC, 10V/div
C: VOUT, 50V/div
D: VGATE, 50V/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com