Electronic Components Datasheet Search
  English  ▼

X  

MAX5913 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5913
Description  48V Quad Hot-Swap Controllers For Power-Over-LAN
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5913 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5913 Datasheet HTML 1Page - Maxim Integrated Products MAX5913 Datasheet HTML 2Page - Maxim Integrated Products MAX5913 Datasheet HTML 3Page - Maxim Integrated Products MAX5913 Datasheet HTML 4Page - Maxim Integrated Products MAX5913 Datasheet HTML 5Page - Maxim Integrated Products MAX5913 Datasheet HTML 6Page - Maxim Integrated Products MAX5913 Datasheet HTML 7Page - Maxim Integrated Products MAX5913 Datasheet HTML 8Page - Maxim Integrated Products MAX5913 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
+48V Quad Hot-Swap Controllers For
Power-Over-LAN
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = VCSP_ = +48V, AGND = DGND = 0, VDD = +3.3V, VRLY = +12V, TA = -40°C to +85°C, unless otherwise noted. Typical values
are at VCC = VCSP_ = +48V and TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to AGND or DGND..........................................-0.6V to +76V
DRAIN_, OUT_ to AGND or DGND................-0.6V to VCC +0.3V
CSP_ to VCC ..........................................................-0.3V to +0.3V
GATE_ to OUT_ .....................................................-0.3V to +13V
VRLY to DGND ........................................................-0.3V to +18V
RLYD_ to DGND........................................-0.3V to (VRLY + 0.3V)
ON_, RLYON_, OCEN, RTRYEN, STATOUT,
DC to DGND........................................................-0.3V to +12V
FAULT to DGND .....................................................-0.3V to +12V
STAT_, RTIM to DGND ...............................-0.3V to (VDD + 0.3V)
VDD to DGND ...........................................................-0.3V to +7V
DGND to AGND...........................................................-5V to +5V
Current into RLYD_ .........................................-50mA to +150mA
Current into Any Other Pin................................................±50mA
Continuous Power Dissipation (TA = +70°C)
44-Pin MQFP (derate 12.7mW/°C above +70°C)......... 1.013W
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) ................................ +300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLIES
Analog Supply Voltage
VCC
Measured with respect to AGND
35
72
V
0°C to +85°C
2.7
4
Analog Supply Current
IS
VCC = VCSP_ = 72V
IS = ICC + ICSP
-40°C to 0°C5
mA
Digital Supply Voltage
VDD
Measured with respect to DGND
1.8
3.3
3.7
V
Digital Supply Current
IDD
All logic outputs high, RTIM floating
1.1
3
mA
Analog Supply Undervoltage
Lockout
VUVLO
VCC rising, circuits enabled
29
32
35
V
UVLO Hysteresis
VUVLO,H
3V
UVLO Deglitch Delay
tD,UVLO
VON = 3.3V, VRLYON = 3.3V (Figure 1)
12.8
25.6
38.4
ms
Relay Driver Supply
VRLY
Measured with respect to DGND
14
V
Ground Potential Difference
VGG
Voltage difference between DGND and AGND
-4
4
V
FEEDBACK INPUT AND CURRENT SENSE
OUT Sense Bias Current
IFP
VOUT_ = VCC
2µA
Initial Feedback Voltage
VFB_S
Voltage under which the foldback circuit starts
reducing the current-limit value
(Note 1)
18
V
Current-Limit Threshold Voltage
VSC
Maximum
∆V across RSENSE at VOUT > VFB_S
125
142.5
160
mV
Foldback Voltage
VFLBK
Maximum
∆V across RSENSE at VOUT = 0
42
48
54
mV
Fast Discharge Threshold
VFC
360
420
480
mV
Switch-On Threshold
VSWON
Maximum VCC - VOUT at which the switch is
defined as fully on, VOUT increasing
1.2
1.5
1.8
V
Switch-On Comparator Hysteresis
VSWON_H
160
mV
MOSFET DRIVERS
VGATE - VCC when switch is fully on
0
°C to +85°C
79
11
Gate Overdrive Voltage
VGS
-40
°C to 0°C7
9
12
V
Gate Charge Current
IGATE
VGATE = 0
7
10
13
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com