Electronic Components Datasheet Search
  English  ▼

X  

MAX5913 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX5913
Description  48V Quad Hot-Swap Controllers For Power-Over-LAN
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5913 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX5913 Datasheet HTML 1Page - Maxim Integrated Products MAX5913 Datasheet HTML 2Page - Maxim Integrated Products MAX5913 Datasheet HTML 3Page - Maxim Integrated Products MAX5913 Datasheet HTML 4Page - Maxim Integrated Products MAX5913 Datasheet HTML 5Page - Maxim Integrated Products MAX5913 Datasheet HTML 6Page - Maxim Integrated Products MAX5913 Datasheet HTML 7Page - Maxim Integrated Products MAX5913 Datasheet HTML 8Page - Maxim Integrated Products MAX5913 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
+48V Quad Hot-Swap Controllers For
Power-Over-LAN
_______________________________________________________________________________________
5
TURN-ON INTO CAPACITIVE LOAD
(CL = 0.47
µF)
MAX5913/4 toc10
0
A
B
0
C
0
D
0
400
µs/div
RLYON = VDD
A: VON, 5V/div
B: VGATE, 20V/div
C: VOUT, 20V/div
D: IOUT, 100mA/div
TURN-ON INTO CAPACITIVE LOAD
(CL = 47
µF)
MAX5913/4 toc11
0
A
B
0
C
0
D
0
1ms/div
RLYON = VDD, RRTIM = 2k
Ω
A: VON, 5V/div
B: VGATE, 20V/div
C: VOUT, 20V/div
D: IOUT, 200mA/div
TURN-ON INTO CAPACITIVE LOAD
(CL = 470
µF)
MAX5913/4 toc12
0
A
B
0
C
0
D
0
10ms/div
RLYON = VDD, RRTIM = 40k
Ω
A: VON, 5V/div
B: VGATE, 20V/div
C: VOUT, 20V/div
D: IOUT, 200mA/div
CURRENT-LIMIT FOLDBACK
(VCC = +36V)
MAX5913/4 toc13
0
A
B
0
C
0
10ms/div
RLYON = VDD, RL = 100
Ω, RRTIM = 40kΩ, CLOAD = 470µF
A: VON, 5V/div
B: VOUT, 10V/div
C: IOUT, 200mA/div
CURRENT-LIMIT FOLDBACK
(VCC = +48V)
MAX5913/4 toc14
0
A
B
0
C
0
10ms/div
RLYON = VDD, RL = 139
Ω, RRTIM = 40kΩ, CLOAD = 470µF
A: VON, 5V/div
B: VOUT, 10V/div
C: IOUT, 200mA/div
CURRENT-LIMIT FOLDBACK
(VCC = +57V)
MAX5913/4 toc15
0
A
B
0
C
0
10ms/div
RLYON = VDD, RL = 162
Ω, RRTIM = 40kΩ, CLOAD = 470µF
A: VON, 5V/div
B: VOUT, 10V/div
C: IOUT, 200mA/div
Typical Operating Characteristics (continued)
(VCSP_ = VCC = +48V, VDD = +3.3V, VRLY = +12V, AGND = DGND = 0, RTIM = open, TA = +25°C, unless otherwise specified.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com