Electronic Components Datasheet Search
  English  ▼

X  

MAX5913 Datasheet(PDF) 17 Page - Maxim Integrated Products

Part # MAX5913
Description  48V Quad Hot-Swap Controllers For Power-Over-LAN
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5913 Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button MAX5913 Datasheet HTML 12Page - Maxim Integrated Products MAX5913 Datasheet HTML 13Page - Maxim Integrated Products MAX5913 Datasheet HTML 14Page - Maxim Integrated Products MAX5913 Datasheet HTML 15Page - Maxim Integrated Products MAX5913 Datasheet HTML 16Page - Maxim Integrated Products MAX5913 Datasheet HTML 17Page - Maxim Integrated Products MAX5913 Datasheet HTML 18Page - Maxim Integrated Products MAX5913 Datasheet HTML 19Page - Maxim Integrated Products MAX5913 Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
+48V Quad Hot-Swap Controllers For
Power-Over-LAN
______________________________________________________________________________________
17
SENSE
RESISTOR
HIGH-CURRENT PATH
MAX5913
MAX5914
Figure 7. Recommended Layout for Kelvin-Sensing Current
Through Sense Resistor
ILIM
IMAX/3
0
18V
VOUT
IMAX =
VSC
RSENSE
∆
Figure 8. Foldback Current-Limit Response
DC
tOFF
DUTY CYCLE
0
99
✕ tO
1%
1
49
✕ tO
2%
Open
24
✕ tO
4%
Table 2. Duty Programming Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com