Electronic Components Datasheet Search
  English  ▼

X  

S8211C Datasheet(PDF) 5 Page - Seiko Instruments Inc

Part # S8211C
Description  High-accuracy voltage detection circuit
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8211C Datasheet(HTML) 5 Page - Seiko Instruments Inc

  S8211C Datasheet HTML 1Page - Seiko Instruments Inc S8211C Datasheet HTML 2Page - Seiko Instruments Inc S8211C Datasheet HTML 3Page - Seiko Instruments Inc S8211C Datasheet HTML 4Page - Seiko Instruments Inc S8211C Datasheet HTML 5Page - Seiko Instruments Inc S8211C Datasheet HTML 6Page - Seiko Instruments Inc S8211C Datasheet HTML 7Page - Seiko Instruments Inc S8211C Datasheet HTML 8Page - Seiko Instruments Inc S8211C Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.7.7_00
S-8211C Series
Seiko Instruments Inc.
5
3. 2 SNT-6A
Table 3 (1 / 2)
Product Name
Over-
charge
Detection
Voltage
[VCU]
Over-
charge
Release
Voltage
[VCL]
Over-
discharge
Detection
Voltage
[VDL]
Over-
discharge
Release
Voltage
[VDU]
Discharge
Overcurrent
Detection
Voltage
[VDIOV]
0 V Battery
Charge
Function
Delay Time
Combination
P
*1
Power-down
Function
S-8211CAA-I6T1U
4.275 V
4.175 V
2.30 V
2.40 V
0.10 V
Available
(1)
Available
S-8211CAB-I6T1U
4.325 V
4.075 V
2.50 V
2.90 V
0.15 V
Unavailable
(2)
Available
S-8211CAD-I6T1U
4.350 V
4.150 V
2.30 V
3.00 V
0.20 V
Available
(3)
Available
S-8211CAE-I6T1U
4.280 V
4.180 V
2.30 V
2.30 V
0.12 V
Available
(4)
Available
S-8211CAF-I6T1U
4.275 V
4.275 V
2.30 V
2.30 V
0.10 V
Available
(5)
Available
S-8211CAH-I6T1U
4.280 V
4.080 V
2.30 V
2.30 V
0.08 V
Available
(1)
Available
S-8211CAI-I6T1U
4.280 V
4.080 V
2.30 V
2.30 V
0.10 V
Available
(1)
Available
S-8211CAJ-I6T1U
4.280 V
4.080 V
2.30 V
2.30 V
0.10 V
Unavailable
(1)
Available
S-8211CAK-I6T1U
4.280 V
4.080 V
2.30 V
2.30 V
0.13 V
Unavailable
(1)
Available
S-8211CAL-I6T1U
4.280 V
4.130 V
2.60 V
3.10 V
0.15 V
Unavailable
(1)
Available
S-8211CAM-I6T1U
4.280 V
4.130 V
2.80 V
3.10 V
0.15 V
Unavailable
(1)
Available
S-8211CAN-I6T1U
4.200 V
4.100 V
2.80 V
2.90 V
0.15 V
Unavailable
(1)
Available
S-8211CAO-I6T1U
4.275 V
4.075 V
2.30 V
2.30 V
0.12 V
Available
(5)
Available
S-8211CAP-I6T1U
4.275 V
4.075 V
2.30 V
2.30 V
0.13 V
Available
(5)
Available
S-8211CAQ-I6T1U
4.275 V
4.075 V
2.30 V
2.30 V
0.15 V
Available
(5)
Available
S-8211CAR-I6T1U
4.275 V
4.075 V
2.30 V
2.30 V
0.15 V
Available
(1)
Available
S-8211CAS-I6T1U
4.280 V
4.130 V
2.80 V
3.10 V
0.10 V
Unavailable
(1)
Available
S-8211CAT-I6T1U
4.275 V
4.075 V
2.80 V
3.10 V
0.10 V
Available
(4)
Available
S-8211CAU-I6T1U
4.280 V
4.130 V
2.80 V
3.10 V
0.05 V
Unavailable
(1)
Available
S-8211CAV-I6T1U
4.325 V
4.075 V
2.50 V
2.90 V
0.15 V
Available
(2)
Available
S-8211CAW-I6T1U
4.280 V
4.080 V
2.40 V
2.40 V
0.05 V
Unavailable
(6)
Available
S-8211CAX-I6T1U
4.275 V
4.175 V
2.30 V
2.30 V
0.12 V
Available
(4)
Available
S-8211CAY-I6T1U
4.280 V
4.280 V
2.80 V
2.80 V
0.05 V
Available
(1)
Available
S-8211CAZ-I6T1U
4.280 V
4.280 V
3.00 V
3.00 V
0.075 V
Available
(1)
Available
S-8211CBA-I6T1U
4.275 V
4.175 V
2.30 V
2.40 V
0.05 V
Available
(1)
Available
S-8211CBB-I6T1U
4.300 V
4.100 V
2.30 V
2.30 V
0.13 V
Available
(1)
Available
S-8211CBD-I6T1U
4.275 V
4.275 V
2.30 V
2.30 V
0.05 V
Available
(5)
Available
S-8211CBF-I6T1U
4.300 V
4.100 V
2.10 V
2.10 V
0.13 V
Available
(1)
Available
S-8211CBH-I6T1U
4.275 V
4.175 V
2.80 V
2.90 V
0.08 V
Available
(1)
Available
S-8211CBJ-I6T1U
4.275 V
4.075 V
2.80 V
2.90 V
0.10 V
Available
(5)
Available
S-8211CBN-I6T1U
4.225 V
4.125 V
2.00 V
2.00 V
0.20 V
Unavailable
(7)
Available
S-8211CBO-I6T1U
4.270 V
4.070 V
2.30 V
2.30 V
0.10 V
Available
(5)
Available
S-8211CBR-I6T1U
4.280 V
4.180 V
2.30 V
2.30 V
0.12 V
Unavailable
(4)
Available
S-8211CBV-I6T1U
4.280 V
4.080 V
2.80 V
2.80 V
0.15 V
Available
(4)
Available
S-8211CBW-I6T1U
4.280 V
4.180 V
2.50 V
2.70 V
0.19 V
Unavailable
(1)
Available
S-8211CBZ-I6T1U
4.375 V
4.125 V
2.50 V
2.90 V
0.12 V
Unavailable
(4)
Available
S-8211CCB-I6T1U
4.250 V
4.050 V
3.00 V
3.20 V
0.10 V
Available
(1)
Available
S-8211CCC-I6T1U
4.270 V
4.070 V
3.00 V
3.00 V
0.10 V
Available
(5)
Available
S-8211CCD-I6T1U
4.280 V
4.130 V
2.70 V
3.10 V
0.20 V
Available
(1)
Available
S-8211CCE-I6T1U
*2
4.225 V
4.025 V
2.80 V
2.80 V
0.15 V
Available
(8)
Unavailable
S-8211CCF-I6T1U
4.350 V
4.050 V
2.30 V
2.30 V
0.13 V
Available
(5)
Available
S-8211CCG-I6T1U
4.275 V
4.075 V
2.50 V
2.70 V
0.16 V
Unavailable
(1)
Available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com