Electronic Components Datasheet Search
  English  ▼

X  

S8211C Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part # S8211C
Description  High-accuracy voltage detection circuit
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8211C Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S8211C Datasheet HTML 3Page - Seiko Instruments Inc S8211C Datasheet HTML 4Page - Seiko Instruments Inc S8211C Datasheet HTML 5Page - Seiko Instruments Inc S8211C Datasheet HTML 6Page - Seiko Instruments Inc S8211C Datasheet HTML 7Page - Seiko Instruments Inc S8211C Datasheet HTML 8Page - Seiko Instruments Inc S8211C Datasheet HTML 9Page - Seiko Instruments Inc S8211C Datasheet HTML 10Page - Seiko Instruments Inc S8211C Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.7.7_00
S-8211C Series
Seiko Instruments Inc.
7
Table 4
Delay Time
Combination
Overcharge
Detection
Delay Time
[tCU]
Overdischarge
Detection
Delay Time
[tDL]
Discharge Overcurrent
Detection
Delay Time
[tDIOV]
Load Short-circuiting
Detection
Delay Time
[tSHORT]
Charge Overcurrent
Detection
Delay Time
[tCIOV]
(1)
1.2 s
150 ms
9 ms
300
μs
9 ms
(2)
1.2 s
150 ms
9 ms
560
μs
9 ms
(3)
143 ms
38 ms
18 ms
300
μs
9 ms
(4)
1.2 s
150 ms
18 ms
300
μs
9 ms
(5)
1.2 s
38 ms
9 ms
300
μs
9 ms
(6)
1.2 s
150 ms
4.5 ms
300
μs
9 ms
(7)
573 ms
150 ms
4.5 ms
300
μs
4.5 ms
(8)
1.2 s
75 ms
9 ms
300
μs
9 ms
(9)
1.2 s
300 ms
9 ms
300
μs
9 ms
Remark The delay times can be changed within the range listed in Table 5. For details, please contact our sales office.
Table 5
Delay Time
Symbol
Selection Range
Remark
Overcharge detection delay time
tCU
−
143 ms
573 ms
1.2 s
P
*1
Select a value from the left.
Overdischarge detection delay time
tDL
38 ms
75 ms
150 ms
P
*1
300 ms
Select a value from the left.
Discharge overcurrent detection delay time
tDIOV
−
4.5 ms
9 ms
P
*1
18 ms
Select a value from the left.
Load short-circuiting detection delay time
tSHORT
−
−
300
μs
P
*1
560
μs Select a value from the left.
Charge overcurrent detection delay time
tCIOV
−
4.5 ms
9 ms
P
*1
18 ms
Select a value from the left.
*1. The value is the delay time of the standard products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com