Electronic Components Datasheet Search
  English  ▼

X  

S8211C Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S8211C
Description  High-accuracy voltage detection circuit
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8211C Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S8211C Datasheet HTML 1Page - Seiko Instruments Inc S8211C Datasheet HTML 2Page - Seiko Instruments Inc S8211C Datasheet HTML 3Page - Seiko Instruments Inc S8211C Datasheet HTML 4Page - Seiko Instruments Inc S8211C Datasheet HTML 5Page - Seiko Instruments Inc S8211C Datasheet HTML 6Page - Seiko Instruments Inc S8211C Datasheet HTML 7Page - Seiko Instruments Inc S8211C Datasheet HTML 8Page - Seiko Instruments Inc S8211C Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
S-8211C Series
www.sii-ic.com
BATTERY PROTECTION IC
FOR 1-CELL PACK
© Seiko Instruments Inc., 2004-2015
Rev.7.7_00
Seiko Instruments Inc.
1
The S-8211C Series is a protection IC for 1-cell lithium-ion / lithium polymer rechargeable battery and includes high-
accuracy voltage detection circuits and delay circuits.
The S-8211C Series is suitable for protecting 1-cell lithium-ion / lithium polymer rechargeable battery packs from
overcharge, overdischarge, and overcurrent.
Features
• High-accuracy voltage detection circuit
Overcharge detection voltage
3.9 V to 4.5 V (5 mV step)
Accuracy
±25 mV (Ta = +25°C)
Accuracy
±30 mV (Ta = −5°C to +55°C)
Overcharge release voltage
3.8 V to 4.43 V
P
*1
P
Accuracy
±50 mV
Overdischarge detection voltage
2.0 V to 3.0 V (10 mV step)
Accuracy
±50 mV
Overdischarge release voltage
2.0 V to 3.4 V
P
*2
P
Accuracy
±100 mV
Discharge overcurrent detection voltage
0.05 V to 0.30 V (10 mV step)
Accuracy
±15 mV
Load short-circuiting detection voltage
0.5 V (fixed)
Accuracy
±200 mV
Charge overcurrent detection voltage
−0.1 V (fixed)
Accuracy
±30 mV
• Detection delay times are generated only by an internal circuit (external capacitors are unnecessary).
Accuracy
±20%
• High-withstand voltage device is used for charger connection pins
(VM pin and CO pin: Absolute maximum rating = 28 V)
• 0 V battery charge function "available" / "unavailable" is selectable.
• Power-down function "available" / "unavailable" is selectable.
• Wide operation temperature range
Ta =
−40°C to +85°C
• Low current consumption
During operation
3.0
μA typ., 5.5 μA max. (Ta = +25°C)
During power-down
0.2
μA max. (Ta = +25°C)
• Lead-free, Sn 100%, halogen-free
P
*3
*1. Overcharge release voltage = Overcharge detection voltage
− Overcharge hysteresis voltage
(Overcharge hysteresis voltage can be selected as 0 V or from a range of 0.1 V to 0.4 V in 50 mV step.)
*2. Overdischarge release voltage = Overdischarge detection voltage
+ Overdischarge hysteresis voltage
(Overdischarge hysteresis voltage can be selected as 0 V or from a range of 0.1 V to 0.7 V in 100 mV step.)
*3. Refer to " Product Name Structure" for details.
Applications
• Lithium-ion rechargeable battery pack
• Lithium polymer rechargeable battery pack
Packages
• SOT-23-5
• SNT-6A


Similar Part No. - S8211C

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
S8211-46R HARWIN-S8211-46R Datasheet
123Kb / 1P
COIN CELL RETAINER (20MM)(TAPE &REELED)
logo
Seiko Instruments Inc
S8211D SII-S8211D Datasheet
1Mb / 38P
BATTERY PROTECTION IC
S8211E SII-S8211E Datasheet
545Kb / 29P
BATTERY PROTECTION IC
More results

Similar Description - S8211C

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3180FV ROHM-BD3180FV Datasheet
170Kb / 6P
Super High Accuracy Current Detection Amp
BUXXTD3WG-E ROHM-BUXXTD3WG-E Datasheet
567Kb / 12P
High accuracy detection, low current consumption
BD4830FVE-TR ROHM-BD4830FVE-TR Datasheet
433Kb / 18P
High accuracy detection, Ultra-low current consumption
BUXXTH5WNVX ROHM-BUXXTH5WNVX Datasheet
1Mb / 20P
High accuracy detection
BUXXUC3WG ROHM-BUXXUC3WG Datasheet
1Mb / 26P
High accuracy detection
logo
Seiko Instruments Inc
S-82B1AAA-I6T1U SII-S-82B1AAA-I6T1U Datasheet
2Mb / 35P
High-accuracy voltage detection circuit
logo
Shenzhen Huazhimei Semi...
DW01E HMSEMI-DW01E Datasheet
348Kb / 12P
High precision voltage detection circuit
logo
Mitsumi Electronics, Co...
MM3723 MITSUMI-MM3723 Datasheet
229Kb / 2P
High-accuracy overcharge detection
logo
Shenzhen Huazhimei Semi...
HM5521 HMSEMI-HM5521 Datasheet
1Mb / 9P
Built-in high-precision voltage detection circuit
HM5421 HMSEMI-HM5421 Datasheet
380Kb / 7P
built-in high-precision voltage detection circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com