Electronic Components Datasheet Search
  English  ▼

X  

S8211C Datasheet(PDF) 12 Page - Seiko Instruments Inc

Part # S8211C
Description  High-accuracy voltage detection circuit
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8211C Datasheet(HTML) 12 Page - Seiko Instruments Inc

Back Button S8211C Datasheet HTML 8Page - Seiko Instruments Inc S8211C Datasheet HTML 9Page - Seiko Instruments Inc S8211C Datasheet HTML 10Page - Seiko Instruments Inc S8211C Datasheet HTML 11Page - Seiko Instruments Inc S8211C Datasheet HTML 12Page - Seiko Instruments Inc S8211C Datasheet HTML 13Page - Seiko Instruments Inc S8211C Datasheet HTML 14Page - Seiko Instruments Inc S8211C Datasheet HTML 15Page - Seiko Instruments Inc S8211C Datasheet HTML 16Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
BATTERY PROTECTION IC FOR 1-CELL PACK
S-8211C Series
Rev.7.7_00
Seiko Instruments Inc.
12
3. Detection delay time
3. 1
S-8211CAA, S-8211CAH, S-8211CAI, S-8211CAJ, S-8211CAK, S-8211CAL, S-8211CAM, S-8211CAN,
S-8211CAR, S-8211CAS, S-8211CAU, S-8211CAY, S-8211CAZ, S-8211CBA, S-8211CBB, S-8211CBF,
S-8211CBH, S-8211CBW, S-8211CCB, S-8211CCD, S-8211CCG, S-8211CCK, S-8211CCN, S-8211CCQ,
S-8211CCR, S-8211CCT, S-8211CCV, S-8211CDA, S-8211CDB, S-8211CDC, S-8211CDG, S-8211CDJ,
S-8211CDM, S-8211CDN, S-8211CDO
Table 11
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Condition
Test
Circuit
Delay Time (Ta =
+25°C)
Overcharge detection delay time
tCU
−
0.96
1.2
1.4
s
9
5
Overdischarge detection delay time
tDL
−
120
150
180
ms
9
5
Discharge overcurrent detection delay time
tDIOV
−
7.2
9
11
ms
10
5
Load short-circuiting detection delay time
tSHORT
−
240
300
360
μs
10
5
Charge overcurrent detection delay time
tCIOV
−
7.2
9
11
ms
10
5
Delay Time (Ta =
−40°C to +85°C)
P
*1
Overcharge detection delay time
tCU
−
0.7
1.2
2.0
s
9
5
Overdischarge detection delay time
tDL
−
83
150
255
ms
9
5
Discharge overcurrent detection delay time
tDIOV
−
5
9
15
ms
10
5
Load short-circuiting detection delay time
tSHORT
−
150
300
540
μs
10
5
Charge overcurrent detection delay time
tCIOV
−
5
9
15
ms
10
5
*1. Since products are not screened at high and low temperature, the specification for this temperature range is guaranteed
by design, not tested in production.
3. 2 S-8211CAB, S-8211CAV
Table 12
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Condition
Test
Circuit
Delay Time (Ta =
+25°C)
Overcharge detection delay time
tCU
−
0.96
1.2
1.4
s
9
5
Overdischarge detection delay time
tDL
−
120
150
180
ms
9
5
Discharge overcurrent detection delay time
tDIOV
−
7.2
9
11
ms
10
5
Load short-circuiting detection delay time
tSHORT
−
450
560
670
μs
10
5
Charge overcurrent detection delay time
tCIOV
−
7.2
9
11
ms
10
5
Delay Time (Ta =
−40°C to +85°C)
P
*1
Overcharge detection delay time
tCU
−
0.7
1.2
2.0
s
9
5
Overdischarge detection delay time
tDL
−
83
150
255
ms
9
5
Discharge overcurrent detection delay time
tDIOV
−
5
9
15
ms
10
5
Load short-circuiting detection delay time
tSHORT
−
260
560
940
μs
10
5
Charge overcurrent detection delay time
tCIOV
−
5
9
15
ms
10
5
*1. Since products are not screened at high and low temperature, the specification for this temperature range is guaranteed
by design, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com