Electronic Components Datasheet Search
  English  ▼

X  

S8213 Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part # S8213
Description  BATTERY PROTECTION IC FOR 2-SERIAL / 3-SERIAL CELL PACK
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8213 Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S8213 Datasheet HTML 3Page - Seiko Instruments Inc S8213 Datasheet HTML 4Page - Seiko Instruments Inc S8213 Datasheet HTML 5Page - Seiko Instruments Inc S8213 Datasheet HTML 6Page - Seiko Instruments Inc S8213 Datasheet HTML 7Page - Seiko Instruments Inc S8213 Datasheet HTML 8Page - Seiko Instruments Inc S8213 Datasheet HTML 9Page - Seiko Instruments Inc S8213 Datasheet HTML 10Page - Seiko Instruments Inc S8213 Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
BATTERY PROTECTION IC FOR 2-SERIAL / 3-SERIAL CELL PACK (SECONDARY PROTECTION)
Rev.1.3_01
S-8213 Series
Seiko Instruments Inc.
7
Electrical Characteristics
Table 6
(Ta =
+25°C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Circuit
DETECTION VOLTAGE
Overcharge detection
voltage n (n = 1, 2, 3)
VCUn
−
VCU
− 0.025
VCU
VCU
+ 0.025
V
1
Ta = 0°C to
+60°C
*1
VCU
− 0.030
VCU
VCU
+ 0.030
V
1
Overcharge hysteresis
voltage n (n = 1, 2, 3)
VHCn
VHC =
−0.40 V
VHC
− 0.080
VHC
VHC
+ 0.080
V
1
VHC = 0 V,
−0.05 V
VHC
− 0.025
VHC
VHC
+ 0.025
V
1
INPUT VOLTAGE
Operation voltage between VDD
and VSS
VDSOP
−
3.6
−
24
V
−
INPUT CURRENT
Current consumption during
operation
IOPE
V1 = V2 = V3 = VCU
− 1.0 V
−
−
2.0
μA
3
Current consumption during
overdischarge
IPDN
V1 = V2 = V3 = 2.0 V
−
−
0.3
μA
3
VC1 pin current
IVC1
V1 = V2 = V3 = VCU
− 1.0 V
−
−
0.3
μA
4
VC2 pin, VC3 pin current
IVC2, IVC3 V1 = V2 = V3 = VCU
− 1.0 V
−0.3
0
0.3
μA
4
OUTPUT CURRENT
CO pin sink current
ICOL
−
0.4
−
−
mA
5
CO pin source current
(CMOS output product)
ICOH
−
20
−
−
μA
5
CO pin leakage current
(Nch open-drain output product)
ICOLL
−
−
−
0.1
μA
5
DELAY TIME
Overcharge detection delay time tCU
−
tCU
× 0.8
tCU
tCU
× 1.2
s
1
Transition time to test mode
tTST
−
−
−
20
ms
2
*1. Since products are not screened at high and low temperature, the specification for this temperature range is guaranteed
by design, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com