Electronic Components Datasheet Search
  English  ▼

X  

S8213 Datasheet(PDF) 17 Page - Seiko Instruments Inc

Part # S8213
Description  BATTERY PROTECTION IC FOR 2-SERIAL / 3-SERIAL CELL PACK
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8213 Datasheet(HTML) 17 Page - Seiko Instruments Inc

Back Button S8213 Datasheet HTML 13Page - Seiko Instruments Inc S8213 Datasheet HTML 14Page - Seiko Instruments Inc S8213 Datasheet HTML 15Page - Seiko Instruments Inc S8213 Datasheet HTML 16Page - Seiko Instruments Inc S8213 Datasheet HTML 17Page - Seiko Instruments Inc S8213 Datasheet HTML 18Page - Seiko Instruments Inc S8213 Datasheet HTML 19Page - Seiko Instruments Inc S8213 Datasheet HTML 20Page - Seiko Instruments Inc S8213 Datasheet HTML 21Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
BATTERY PROTECTION IC FOR 2-SERIAL / 3-SERIAL CELL PACK (SECONDARY PROTECTION)
Rev.1.3_01
S-8213 Series
Seiko Instruments Inc.
17
[For SC PROTECTOR, contact]
Device Sales Dept., Advanced Process Device Division, Dexerials Corporation
Gate City Osaki East Tower 8F, 1-11-2
Osaki, Shinagawa-ku, Tokyo, 141-0032 Japan
TEL
+81-3-5435-3946
Contact Us: http://www.dexerials.jp/en/
Precautions
• Do not connect batteries charged with VCUn + VHCn or higher. If the connected batteries include a battery charged with
VCUn
+ VHCn or more, the S-8213 series may become overcharge status after all pins are connected.
• In some application circuits, even if an overcharged battery is not included, the order of connecting batteries may be
restricted to prevent transient output of CO detection pulses when the batteries are connected. Perform thorough
evaluation with the actual application circuit.
• Before the battery connection, short-circuit the battery side pins RVDD and R1, shown in the figure in " Battery
Protection IC Connection Examples".
• The application conditions for the input voltage, output voltage, and load current should not exceed the package power
dissipation.
• Do not apply to this IC an electrostatic discharge that exceeds the performance ratings of the built-in electrostatic
protection circuit.
• SII claims no responsibility for any disputes arising out of or in connection with any infringement of patents owned by a
third party by products including this IC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com