Electronic Components Datasheet Search
  English  ▼

X  

S8213 Datasheet(PDF) 12 Page - Seiko Instruments Inc

Part # S8213
Description  BATTERY PROTECTION IC FOR 2-SERIAL / 3-SERIAL CELL PACK
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8213 Datasheet(HTML) 12 Page - Seiko Instruments Inc

Back Button S8213 Datasheet HTML 8Page - Seiko Instruments Inc S8213 Datasheet HTML 9Page - Seiko Instruments Inc S8213 Datasheet HTML 10Page - Seiko Instruments Inc S8213 Datasheet HTML 11Page - Seiko Instruments Inc S8213 Datasheet HTML 12Page - Seiko Instruments Inc S8213 Datasheet HTML 13Page - Seiko Instruments Inc S8213 Datasheet HTML 14Page - Seiko Instruments Inc S8213 Datasheet HTML 15Page - Seiko Instruments Inc S8213 Datasheet HTML 16Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
BATTERY PROTECTION IC FOR 2-SERIAL / 3-SERIAL CELL PACK (SECONDARY PROTECTION)
S-8213 Series
Rev.1.3_01
Seiko Instruments Inc.
12
3. Test mode
The overcharge detection delay time (tCU) can be shortened by entering the test mode.
The test mode can be set by retaining the VDD pin voltage 4.0 V or more higher than the VC1 pin voltage for 20 ms or
longer. The status is retained by the internal latch and the test mode is retained even if the VDD pin voltage is
decreased to the same voltage as that of the VC1 pin voltage.
After that, the latch for retaining the test mode is reset and the S-8213 Series exits from test mode under the overcharge
status.
VCUn
Pin voltage
CO pin
(Active "H")
Test mode
VDD pin voltage
4.0 V or
more
Battery voltage
VHCn
tTST = 20 ms max.
VC1 pin voltage
(n = 1 to 3)
32 ms typ.
CO pin
(Active "L")
2.0 ms typ.
Figure 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com