Electronic Components Datasheet Search
  English  ▼

X  

S8213 Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S8213
Description  BATTERY PROTECTION IC FOR 2-SERIAL / 3-SERIAL CELL PACK
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8213 Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S8213 Datasheet HTML 4Page - Seiko Instruments Inc S8213 Datasheet HTML 5Page - Seiko Instruments Inc S8213 Datasheet HTML 6Page - Seiko Instruments Inc S8213 Datasheet HTML 7Page - Seiko Instruments Inc S8213 Datasheet HTML 8Page - Seiko Instruments Inc S8213 Datasheet HTML 9Page - Seiko Instruments Inc S8213 Datasheet HTML 10Page - Seiko Instruments Inc S8213 Datasheet HTML 11Page - Seiko Instruments Inc S8213 Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
BATTERY PROTECTION IC FOR 2-SERIAL / 3-SERIAL CELL PACK (SECONDARY PROTECTION)
S-8213 Series
Rev.1.3_01
Seiko Instruments Inc.
8
Test Circuits
1. Overcharge detection voltage, overcharge hysteresis voltage
(Test circuit 1)
Set SW1 to OFF and ON in CMOS output product and Nch open-drain output product, respectively.
1. 1 Overcharge detection voltage n (VCUn)
Set V1 = V2 = V3 = VCU
− 0.05 V. The Overcharge detection voltage 1 (VCU1) is the V1 voltage when the CO pin’s
output changes after the voltage of V1 has been gradually increased.
Overcharge detection voltage VCUn (n = 2, 3) can be determined in the same way as when n = 1.
1. 2 Overcharge hysteresis voltage n (VHCn)
Set V1 = VCU
+ 0.05 V, V2 = V3 = 2.5 V. The overcharge hysteresis voltage 1 (VHC1) is the difference between V1
voltage and VCU1 when the CO pin’s output changes after the V1 voltage has been gradually decreased.
Overcharge hysteresis voltage VHCn (n = 2, 3) can be determined in the same way as when n = 1.
2. Output current
(Test circuit 5)
Set SW1 and SW2 to OFF.
2. 1 Active "H"
2. 1. 1 CO pin source current (ICOH)
Set SW1 to ON after setting V1 = 5.0 V, V2 = V3 = 3.0 V, V4 = 0.5 V. I1 is the CO pin source current (ICOH) at that
time.
2. 1. 2 CO pin sink current (ICOL)
Set SW2 to ON after setting V1 to V3 = 3.5 V, V5 = 0.5 V. I2 is the CO pin sink current (ICOL) at that time.
2. 1. 3 CO pin leakage current (ICOLL)
Set SW2 to ON after setting V1 = 5.0 V, V2 = V3 = 3.0 V, V5 = 26 V. I2 is the CO pin leakage current (ICOLL) at
that time.
2. 2 Active "L"
2. 2. 1 CO pin source current (ICOH)
Set SW1 to ON after setting V1 to V3 = 3.5 V, V4 = 0.5 V. I1 is the CO pin source current (ICOH) at that time.
2. 2. 2 CO pin sink current (ICOL)
Set SW2 to ON after setting V1 = 5.0 V, V2 = V3 = 3.0 V, V5 = 0.5 V. I2 is the CO pin sink current (ICOL) at that
time.
2. 2. 3 CO pin leakage current (ICOLL)
Set SW2 to ON after setting V1 to V3 = 3.5 V, V5 = 26 V. I2 is the CO pin leakage current (ICOLL) at that time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com