Electronic Components Datasheet Search
  English  ▼

X  

S8213 Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S8213
Description  BATTERY PROTECTION IC FOR 2-SERIAL / 3-SERIAL CELL PACK
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8213 Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S8213 Datasheet HTML 1Page - Seiko Instruments Inc S8213 Datasheet HTML 2Page - Seiko Instruments Inc S8213 Datasheet HTML 3Page - Seiko Instruments Inc S8213 Datasheet HTML 4Page - Seiko Instruments Inc S8213 Datasheet HTML 5Page - Seiko Instruments Inc S8213 Datasheet HTML 6Page - Seiko Instruments Inc S8213 Datasheet HTML 7Page - Seiko Instruments Inc S8213 Datasheet HTML 8Page - Seiko Instruments Inc S8213 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
S-8213 Series
www.sii-ic.com
BATTERY PROTECTION IC FOR 2-SERIAL / 3-SERIAL CELL PACK
(SECONDARY PROTECTION)
© Seiko Instruments Inc., 2012-2015
Rev.1.3_01
Seiko Instruments Inc.
1
The S-8213 Series is used for secondary protection of lithium-ion rechargeable batteries, and incorporates a high-accuracy
voltage detection circuit and a delay circuit. Short-circuits between VC3 to VSS accommodate serial connection of two cells or
three cells.
Features
• High-accuracy voltage detection circuit for each cell
Overcharge detection voltage n (n = 1 to 3)
4.10 V to 4.50 V (in 50 mV steps)
Accuracy:
±25 mV (Ta = +25°C)
Accuracy:
±30 mV (Ta = 0°C to +60°C)
Overcharge hysteresis voltage n (n = 1 to 3)
0 V
± 25 mV, −0.05 V ± 25 mV, −0.40 V ± 80 mV
• Delay times for overcharge detection can be set by an internal circuit only (external capacitors are unnecessary)
• Output form is selectable:
CMOS output, Nch open-drain output
• Output logic is selectable:
Active "H", Active "L"
• High withstand voltage devices:
Absolute maximum rating 26 V
• Wide operation voltage range:
3.6 V to 24 V
• Wide operation temperature range:
Ta =
−40°C to +85°C
• Low current consumption
At VCUn
− 1.0 V for each cell:
2.0
μA max. (Ta = +25°C)
At 2.0 V for each cell:
0.3
μA max. (Ta = +25°C)
• Lead-free (Sn 100%), halogen-free
*1
*1. Refer to " Product Name Structure" for details.
Application
• Lithium-ion rechargeable battery pack (for secondary protection)
Packages
• SOT-23-6
• SNT-6A


Similar Part No. - S8213

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S82133Y5PP6 VISHAY-S82133Y5PP6 Datasheet
200Kb / 11P
Ceramic Singlelayer DC Disc Capacitors for General Purpose
05-Nov-2024
S82139X7RP6 VISHAY-S82139X7RP6 Datasheet
200Kb / 11P
Ceramic Singlelayer DC Disc Capacitors for General Purpose
05-Nov-2024
S82139Y5PR6 VISHAY-S82139Y5PR6 Datasheet
200Kb / 11P
Ceramic Singlelayer DC Disc Capacitors for General Purpose
05-Nov-2024
More results

Similar Description - S8213

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8233A SII-S-8233A Datasheet
646Kb / 30P
BATTERY PROTECTION IC FOR 3-SERIAL-CELL PACK
S-8233C SII-S-8233C Datasheet
568Kb / 26P
BATTERY PROTECTION IC FOR 3-SERIAL-CELL PACK
S-8233B SII-S-8233B_1 Datasheet
360Kb / 26P
BATTERY PROTECTION IC FOR 3-SERIAL-CELL PACK
S-8233C SII-S-8233C_1 Datasheet
392Kb / 27P
BATTERY PROTECTION IC FOR 3-SERIAL-CELL PACK
S-8242B SII-S-8242B Datasheet
395Kb / 30P
BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
S-8253A SII-S-8253A Datasheet
596Kb / 32P
BATTERY PROTECTION IC FOR 2-SERIAL OR 3-SERIAL-CELL PACK
S8252 SII-S8252 Datasheet
554Kb / 35P
BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
S8223A SII-S8223A Datasheet
2Mb / 30P
BATTERY PROTECTION IC FOR 2-SERIAL / 3-SERIAL CELL PACK (SECONDARY PROTECTION)
logo
ABLIC Inc.
S-8223A ABLIC-S-8223A Datasheet
809Kb / 30P
BATTERY PROTECTION IC FOR 2-SERIAL / 3-SERIAL CELL PACK (SECONDARY PROTECTION)
Rev.1.3_00
S-8252 ABLIC-S-8252 Datasheet
614Kb / 37P
BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
Rev.3.9_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com