Electronic Components Datasheet Search
  English  ▼

X  

S8213 Datasheet(PDF) 9 Page - Seiko Instruments Inc

Part # S8213
Description  BATTERY PROTECTION IC FOR 2-SERIAL / 3-SERIAL CELL PACK
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8213 Datasheet(HTML) 9 Page - Seiko Instruments Inc

Back Button S8213 Datasheet HTML 5Page - Seiko Instruments Inc S8213 Datasheet HTML 6Page - Seiko Instruments Inc S8213 Datasheet HTML 7Page - Seiko Instruments Inc S8213 Datasheet HTML 8Page - Seiko Instruments Inc S8213 Datasheet HTML 9Page - Seiko Instruments Inc S8213 Datasheet HTML 10Page - Seiko Instruments Inc S8213 Datasheet HTML 11Page - Seiko Instruments Inc S8213 Datasheet HTML 12Page - Seiko Instruments Inc S8213 Datasheet HTML 13Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
BATTERY PROTECTION IC FOR 2-SERIAL / 3-SERIAL CELL PACK (SECONDARY PROTECTION)
Rev.1.3_01
S-8213 Series
Seiko Instruments Inc.
9
3. Overcharge detection delay time (tCU)
(Test circuit 1)
Set SW1 to OFF and ON in CMOS output product and Nch open-drain output product, respectively.
Increase V1 up to 5.0 V after setting V1 = V2 = V3 = 3.5 V. The overcharge detection delay time (tCU) is the time period
until the CO pin output changes.
4. Transition time to test mode (tTST)
(Test circuit 2)
Set SW1 to OFF and ON in CMOS output product and Nch open-drain output product, respectively.
Increase V4 up to 4.0 V, and decrease V4 again to 0 V after setting V1 = V2 = V3 = 3.5 V, and V4 = 0 V.
When the period from when V4 was raised to when it has fallen is short, if an overcharge detection operation is
performed subsequently, the delay time is tCU. However, when the period from when V4 is raised to when it has fallen is
gradually made longer, the delay time during the subsequent overcharge detection operation is shorter than tCU. The
transition time to test mode (tTST) is the period from when V4 was raised to when it has fallen at that time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com