Electronic Components Datasheet Search
  English  ▼

X  

ISO7841 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7841
Description  ISO7841 ISO7841F High-Performance, 8000 VPK Reinforced Quad-Channel Digital Isolator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7841 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ISO7841 Datasheet HTML 2Page - Texas Instruments ISO7841 Datasheet HTML 3Page - Texas Instruments ISO7841 Datasheet HTML 4Page - Texas Instruments ISO7841 Datasheet HTML 5Page - Texas Instruments ISO7841 Datasheet HTML 6Page - Texas Instruments ISO7841 Datasheet HTML 7Page - Texas Instruments ISO7841 Datasheet HTML 8Page - Texas Instruments ISO7841 Datasheet HTML 9Page - Texas Instruments ISO7841 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
ISO7841, ISO7841F
SLLSEM3C – NOVEMBER 2014 – REVISED JULY 2015
www.ti.com
6.4 Thermal Information
DW (SOIC)
THERMAL METRIC(1)
UNIT
16 Pins
RθJA
Junction-to-ambient thermal resistance
78.9
RθJC(top)
Junction-to-case(top) thermal resistance
41.6
RθJB
Junction-to-board thermal resistance
43.6
°C/W
ψJT
Junction-to-top characterization parameter
15.5
ψJB
Junction-to-board characterization parameter
43.1
RθJC(bottom)
Junction-to-case(bottom) thermal resistance
N/A
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6.5 Power Rating
VALUE
UNIT
PD
Maximum power dissipation by ISO7841
200
VCC1 = VCC2 = 5.5 V, TJ = 150°C,
PD1
Maximum power dissipation by side-1 of ISO7841
CL = 15 pF, input a 50 MHz 50% duty cycle
50
mW
square wave
PD2
Maximum power dissipation by side-2 of ISO7841
150
6.6 Electrical Characteristics, 5 V
VCC1 = VCC2 = 5 V ±10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
IOH = –4 mA; see Figure 7
VCCO
(1) – 0.4
VCCO
(1) – 0.2
V
VOL
Low-level output voltage
IOL = 4 mA; see Figure 7
0.2
0.4
V
Input threshold voltage
VI(HYS)
0.1 × VCCO
(1)
V
hysteresis
IIH
High-level input current
VIH = VCCI
(1) at INx or ENx
10
μA
IIL
Low-level input current
VIL = 0 V at INx or ENx
–10
μA
Common-mode transient
CMTI
VI = VCCI
(1) or 0 V; see Figure 10
70
100
kV/
μs
immunity
(1)
VCCI = Input-side VCC; VCCO = Output-side VCC.
6
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: ISO7841 ISO7841F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com