Electronic Components Datasheet Search
  English  ▼

X  

ISO7841 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7841
Description  ISO7841 ISO7841F High-Performance, 8000 VPK Reinforced Quad-Channel Digital Isolator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7841 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ISO7841 Datasheet HTML 4Page - Texas Instruments ISO7841 Datasheet HTML 5Page - Texas Instruments ISO7841 Datasheet HTML 6Page - Texas Instruments ISO7841 Datasheet HTML 7Page - Texas Instruments ISO7841 Datasheet HTML 8Page - Texas Instruments ISO7841 Datasheet HTML 9Page - Texas Instruments ISO7841 Datasheet HTML 10Page - Texas Instruments ISO7841 Datasheet HTML 11Page - Texas Instruments ISO7841 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
ISO7841, ISO7841F
SLLSEM3C – NOVEMBER 2014 – REVISED JULY 2015
www.ti.com
6.7 Electrical Characteristics, 3.3 V
VCC1 = VCC2 = 3.3 V ±10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
IOH = –2 mA; see Figure 7
VCCO
(1) – 0.4
VCCO
(1) – 0.2
V
VOL
Low-level output voltage
IOL = 2 mA; see Figure 7
0.2
0.4
V
Input threshold voltage
VI(HYS)
0.1 × VCCO
(1)
V
hysteresis
IIH
High-level input current
VIH = VCCI
(1) at INx or ENx
10
μA
IIL
Low-level input current
VIL = 0 V at INx or ENx
-10
μA
Common-mode transient
CMTI
VI = VCCI
(1) or 0 V; see Figure 10
70
100
kV/
μs
immunity
DC signal: VI = 0 V
Disable;
(Devices with suffix F) , VI
ICC1
1.1
1.8
EN1 = EN2 = 0 V
= VCCI (Devices without
suffix F)
DC signal: VI = 0 V
Disable;
(Devices with suffix F) , VI
ICC2
0.8
1.3
EN1 = EN2 = 0 V
= VCCI (Devices without
suffix F)
DC signal: VI = VCCI
Disable;
(Devices with suffix F) , VI
ICC1
4.5
6.6
EN1 = EN2 = 0 V
= 0 V(Devices without
suffix F)
DC signal: VI = VCCI
Disable;
(Devices with suffix F) , VI
ICC2
1.9
2.9
EN1 = EN2 = 0 V
= 0 V(Devices without
suffix F)
DC signal: VI = 0 V
(Devices with suffix F) , VI
ICC1
DC signal
1.5
2.4
= VCCI (Devices without
suffix F)
Supply current
mA
DC signal: VI = 0 V
(Devices with suffix F) , VI
ICC2
DC signal
2.1
3.1
= VCCI (Devices without
suffix F)
DC signal: VI = VCCI
(Devices with suffix F) , VI
ICC1
DC signal
5
7.3
= 0 V(Devices without
suffix F)
DC signal: VI = VCCI
(Devices with suffix F) , VI
ICC2
DC signal
3.3
4.9
= 0 V(Devices without
suffix F)
ICC1
1 Mbps
3.3
4.9
ICC2
1 Mbps
2.8
4.1
AC signal: All channels
ICC1
10 Mbps
3.7
5.3
switching with square
wave clock input;
ICC2
10 Mbps
3.9
5.2
CL = 15 pF
ICC1
100 Mbps
7.4
9.3
ICC2
100 Mbps
14.5
16.9
(1)
VCCI = Input-side VCC; VCCO = Output-side VCC.
8
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: ISO7841 ISO7841F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com