Electronic Components Datasheet Search
  English  ▼

X  

ISO7841 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7841
Description  ISO7841 ISO7841F High-Performance, 8000 VPK Reinforced Quad-Channel Digital Isolator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7841 Datasheet(HTML) 19 Page - Texas Instruments

Back Button ISO7841 Datasheet HTML 15Page - Texas Instruments ISO7841 Datasheet HTML 16Page - Texas Instruments ISO7841 Datasheet HTML 17Page - Texas Instruments ISO7841 Datasheet HTML 18Page - Texas Instruments ISO7841 Datasheet HTML 19Page - Texas Instruments ISO7841 Datasheet HTML 20Page - Texas Instruments ISO7841 Datasheet HTML 21Page - Texas Instruments ISO7841 Datasheet HTML 22Page - Texas Instruments ISO7841 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
Ambient Temperature (GC)
0
50
100
150
200
0
100
200
300
400
500
600
700
D014
VCC1 = VCC2 = 2.75 V
VCC1 = VCC2 = 3.6 V
VCC1 = VCC2 = 5.5 V
Ambient Temperature (GC)
0
50
100
150
200
0
200
400
600
800
1000
1200
1400
1600
1800
D015
Power
ISO7841, ISO7841F
www.ti.com
SLLSEM3C – NOVEMBER 2014 – REVISED JULY 2015
8.3.1.5 Safety Limiting Values
Safety limiting intends to prevent potential damage to the isolation barrier upon failure of input or output circuitry. A failure of
the I/O can allow low resistance to ground or the supply and, without current limiting, dissipate sufficient power to overheat
the die and damage the isolation barrier potentially leading to secondary system failures.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RθJA = 78.9°C/W, VI = 5.5 V, TJ = 150°C, TA = 25°C
288
Safety input, output, or supply
IS
RθJA = 78.9°C/W, VI = 3.6 V, TJ = 150°C, TA = 25°C
440
mA
current for DW-16 Package
RθJA = 78.9°C/W, VI = 2.75 V, TJ = 150°C, TA = 25°C
576
PS
Safety input, output, or total
RθJA = 78.9°C/W, TJ = 150°C, TA = 25°C
mW
1584
power
TS
Maximum case temperature
150
°C
The maximum safety temperature is the maximum junction temperature specified for the device. The power
dissipation and junction-to-air thermal impedance of the device installed in the application hardware determines
the junction temperature. The assumed junction-to-air thermal resistance in the Thermal Information is that of a
device installed on a High-K test board for Leaded Surface Mount Packages. The power is the recommended
maximum input voltage times the current. The junction temperature is then the ambient temperature plus the
power times the junction-to-air thermal resistance
Figure 13.
θJC Thermal Derating Curve per VDE for
Figure 14. Thermal Derating Curve for Safety Limiting
Power per VDE
DW-16 Package
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: ISO7841 ISO7841F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com