Electronic Components Datasheet Search
  English  ▼

X  

ISO7841 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7841
Description  ISO7841 ISO7841F High-Performance, 8000 VPK Reinforced Quad-Channel Digital Isolator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7841 Datasheet(HTML) 23 Page - Texas Instruments

Back Button ISO7841 Datasheet HTML 19Page - Texas Instruments ISO7841 Datasheet HTML 20Page - Texas Instruments ISO7841 Datasheet HTML 21Page - Texas Instruments ISO7841 Datasheet HTML 22Page - Texas Instruments ISO7841 Datasheet HTML 23Page - Texas Instruments ISO7841 Datasheet HTML 24Page - Texas Instruments ISO7841 Datasheet HTML 25Page - Texas Instruments ISO7841 Datasheet HTML 26Page - Texas Instruments ISO7841 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
ISO7841
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
INA
INB
INC
OUTD
OUTA
OUTB
OUTC
IND
GND2
VCC2
0.1 µF
2 mm max
from VCC2
EN2
GND2
EN1
GND1
2 mm max
from VCC1
GND1
0.1 µF
VCC1
ISO7841, ISO7841F
www.ti.com
SLLSEM3C – NOVEMBER 2014 – REVISED JULY 2015
Typical Application (continued)
9.2.1 Design Requirements
For ISO7841, use the parameters shown in Table 2.
Table 2. Design Parameters
PARAMETER
VALUE
Supply voltage
2.25 to 5.5 V
Decoupling capacitor between VCC1 and GND1
0.1 µF
Decoupling capacitor from VCC2 and GND2
0.1 µF
9.2.2 Detailed Design Procedure
Unlike optocouplers, which need external components to improve performance, provide bias, or limit current,
ISO7841 only needs two external bypass capacitors to operate.
Figure 17. Typical ISO7841 Circuit Hook-up
9.2.2.1 Electromagnetic Compatibility (EMC) Considerations
Many applications in harsh industrial environment are sensitive to disturbances such as electrostatic discharge
(ESD), electrical fast transient (EFT), surge and electromagnetic emissions. These electromagnetic disturbances
are regulated by international standards such as IEC 61000-4-x and CISPR 22. Although system-level
performance and reliability depends, to a large extent, on the application board design and layout, the ISO7841
incorporate many chip-level design improvements for overall system robustness. Some of these improvements
include:
•
Robust ESD protection for input and output signal pins and inter-chip bond pads.
•
Low-resistance connectivity of ESD cells to supply and ground pins.
•
Enhanced performance of high voltage isolation capacitor for better tolerance of ESD, EFT and surge events.
•
Bigger on-chip decoupling capacitors to bypass undesirable high energy signals through a low impedance
path.
•
PMOS and NMOS devices isolated from each other by using guard rings to avoid triggering of parasitic
SCRs.
•
Reduced common mode currents across the isolation barrier by ensuring purely differential internal operation.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: ISO7841 ISO7841F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com