Electronic Components Datasheet Search
  English  ▼

X  

ISO7841 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7841
Description  ISO7841 ISO7841F High-Performance, 8000 VPK Reinforced Quad-Channel Digital Isolator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7841 Datasheet(HTML) 22 Page - Texas Instruments

Back Button ISO7841 Datasheet HTML 18Page - Texas Instruments ISO7841 Datasheet HTML 19Page - Texas Instruments ISO7841 Datasheet HTML 20Page - Texas Instruments ISO7841 Datasheet HTML 21Page - Texas Instruments ISO7841 Datasheet HTML 22Page - Texas Instruments ISO7841 Datasheet HTML 23Page - Texas Instruments ISO7841 Datasheet HTML 24Page - Texas Instruments ISO7841 Datasheet HTML 25Page - Texas Instruments ISO7841 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
Vcc1
Vcc2
GND1
GND2
OUTA
16
14
13
2,8
9,15
4
XOUT
XIN
5
6
2
MSP430
G2132
(14-PW)
INA
OUTD
1
3
4
5
6
ISO7841
DVss
DVcc
0.1 F
0.1 F
0.1 F
EN1
EN2
7
10
INB
12
11
OUTB
OUTC
IND
0.1 F
INC
SDI
P1.4
SCLK
SDO
9
6
7
8
4.7 k
4.7 k
28
VBD
AGND
CH0
1,22
CS
26
23
24
25
SCLK
SDI
20
SDO
ADS7953
CH15
5
BDGND
27
32
VA
31
REFP
2
MXO
3
AINP
REFM
30
VIN
GND
VOUT
2
6
4
REF5025
1 F
10 F
VS
0.1 F
MBR0520L
MBR0520L
1:1.33
0.1 F
3
1
D2
SN6501
D1
Vcc
4,5
2
GND
3.3 V
IN
EN
GND
OUT
4
1
2
3
TLV70733
10 F
3.3 VISO
10 F
22 F
16
Analog
Inputs
ISO-BARRIER
ISO7841, ISO7841F
SLLSEM3C – NOVEMBER 2014 – REVISED JULY 2015
www.ti.com
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The ISO7841 is a high-performance, quad-channel digital isolator with 5.7 kVRMS isolation voltage. The device
comes with enable pins on each side which can be used to put the respective outputs in high impedance for
multi master driving applications and reduce power consumption. ISO7841 uses single-ended CMOS-logic
switching technology. Its supply voltage range is from 2.25 V to 5.5 V for both supplies, VCC1 and VCC2. When
designing with digital isolators, it is important to keep in mind that due to the single-ended design structure,
digital isolators do not conform to any specific interface standard and are only intended for isolating single-ended
CMOS or TTL digital signal lines. The isolator is typically placed between the data controller (that is,
μC or
UART), and a data converter or a line transceiver, regardless of the interface type or standard.
9.2 Typical Application
The Isolated SPI Interface is shown in Figure 16.
Figure 16. Isolated SPI Interface for an Analog Input Module With 16 Input
22
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: ISO7841 ISO7841F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com