Electronic Components Datasheet Search
  English  ▼

X  

ISO7841 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7841
Description  ISO7841 ISO7841F High-Performance, 8000 VPK Reinforced Quad-Channel Digital Isolator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7841 Datasheet(HTML) 1 Page - Texas Instruments

  ISO7841 Datasheet HTML 1Page - Texas Instruments ISO7841 Datasheet HTML 2Page - Texas Instruments ISO7841 Datasheet HTML 3Page - Texas Instruments ISO7841 Datasheet HTML 4Page - Texas Instruments ISO7841 Datasheet HTML 5Page - Texas Instruments ISO7841 Datasheet HTML 6Page - Texas Instruments ISO7841 Datasheet HTML 7Page - Texas Instruments ISO7841 Datasheet HTML 8Page - Texas Instruments ISO7841 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
OUTx
GNDO
GNDI
INx
VCCO
VCCI
Isolation
Capacitor
ENx
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
ISO7841, ISO7841F
SLLSEM3C – NOVEMBER 2014 – REVISED JULY 2015
ISO7841 ISO7841F High-Performance, 8000 VPK Reinforced Quad-Channel Digital Isolator
1 Features
3 Description
The ISO7841 is a high-performance, quad-channel
1
•
Signaling Rate: Up to 100 Mbps
digital isolator with 8000 VPK isolation voltage. This
•
Wide Supply Range: 2.25 V to 5.5 V
device
has
reinforced
isolation
certifications
•
2.25 V to 5.5 V Level Translation
according to VDE, CSA, and CQC. The isolator
provides high electromagnetic immunity and low
•
Wide Temperature Range: –55°C to 125°C
emissions at low power consumption, while isolating
•
Low Power Consumption, Typical 1.7 mA per
CMOS or LVCMOS digital I/Os. Each isolation
Channel at 1 Mbps
channel has a logic input and output buffer separated
•
Low Propagation Delay: 11 ns Typical
by silicon dioxide (SiO2) insulation barrier. This device
(5 V Supplies)
comes with enable pins which can be used to put the
respective outputs in high impedance for multi-master
•
Industry leading CMTI: ±100 kV/
μs
driving
applications
and
to
reduce
power
•
Robust Electromagnetic Compatibility (EMC)
consumption. ISO7841 has three forward and one
•
System-Level ESD, EFT, and Surge Immunity
reverse-direction channels. If the input power or
signal loss, default output is 'high' for the ISO7841
•
Low Emissions
device and 'low' for the ISO7841F device. See Device
•
Isolation Barrier Life: >25 Years
Functional
Modes
for
further
details.
Used
in
•
Wide Body SOIC-16 Package
conjunction with isolated power supplies, this device
•
Safety and Regulatory Approvals:
prevents noise currents on a data bus or other
circuits from entering the local ground and interfering
–
8000 VPK VIOTM and 2121 VPK VIORM
with
or
damaging
sensitive
circuitry.
Through
Reinforced Isolation per DIN V VDE V 0884-10
innovative
chip
design
and
layout
techniques,
(VDE V 0884-10):2006-12
electromagnetic compatibility of ISO7841 has been
–
5.7 kVRMS Isolation for 1 Minute per UL 1577
significantly enhanced to ease system-level ESD,
EFT, Surge and Emissions compliance. ISO7841 is
–
CSA Component Acceptance Notice 5A, IEC
available in 16-pin SOIC wide-body (DW) package.
60950-1, IEC 60601-1 and IEC 61010-1 End
Equipment Standards
Device Information(1)
–
CQC Certification per GB4943.1-2011
PART NUMBER
PACKAGE
BODY SIZE (NOM)
ISO7841 /
2 Applications
SOIC, DW (16)
10.30 mm × 7.50 mm
ISO7841F
•
Industrial Automation
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
•
Motor Control
•
Power Supplies
spacer
•
Solar Inverters
•
Medical Equipment
•
Hybrid Electric Vehicles
Simplified Schematic
(1)
VCCI and GNDI are supply and ground connections respectively for the input channels.
(2)
VCCO and GNDO are supply and ground connections respectively for the output channels.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - ISO7841

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7841 TI1-ISO7841 Datasheet
1Mb / 37P
High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
ISO7841DW TI1-ISO7841DW Datasheet
1Mb / 37P
High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
ISO7841DWR TI1-ISO7841DWR Datasheet
1Mb / 37P
High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
ISO7841DWW TI1-ISO7841DWW Datasheet
1Mb / 37P
High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
ISO7841DWWR TI1-ISO7841DWWR Datasheet
1Mb / 37P
High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
More results

Similar Description - ISO7841

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7810 TI-ISO7810_15 Datasheet
1Mb / 28P
ISO7810 High-Performance, 8000 VPK Reinforced Single Channel Digital Isolator
ISO7821 TI-ISO7821_15 Datasheet
1Mb / 38P
ISO7821 ISO7821F High-Performance, 8000 VPK Reinforced Dual Channel Digital Isolator
ISO7840 TI-ISO7840_15 Datasheet
1Mb / 33P
ISO7840 ISO7840F High-Performance, 8000 VPK Reinforced Quad-Channel Digital Isolator
ISO7842 TI-ISO7842 Datasheet
1Mb / 37P
ISO7842 ISO7842F High-Performance, 8000 VPK Reinforced Quad-Channel Digital Isolator
ISO7810 TI1-ISO7810 Datasheet
1Mb / 32P
High-Performance, 8000-VPK Reinforced Single-Channel Digital Isolator
ISO7820 TI1-ISO7820 Datasheet
1Mb / 36P
High-Performance, 8000 VPK Reinforced Dual Channel Digital Isolator
ISO7821 TI1-ISO7821 Datasheet
1Mb / 39P
High-Performance, 8000 VPK Reinforced Dual Channel Digital Isolator
ISO7840 TI1-ISO7840 Datasheet
1Mb / 36P
High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
ISO7841 TI1-ISO7841 Datasheet
1Mb / 37P
High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
ISO7842 TI1-ISO7842_16 Datasheet
1Mb / 37P
High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com