Electronic Components Datasheet Search
  English  ▼

X  

AME5145 Datasheet(PDF) 5 Page - Analog Microelectronics

Part # AME5145
Description  1.6 MHz Boost Converter With
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME5145 Datasheet(HTML) 5 Page - Analog Microelectronics

  AME5145 Datasheet HTML 1Page - Analog Microelectronics AME5145 Datasheet HTML 2Page - Analog Microelectronics AME5145 Datasheet HTML 3Page - Analog Microelectronics AME5145 Datasheet HTML 4Page - Analog Microelectronics AME5145 Datasheet HTML 5Page - Analog Microelectronics AME5145 Datasheet HTML 6Page - Analog Microelectronics AME5145 Datasheet HTML 7Page - Analog Microelectronics AME5145 Datasheet HTML 8Page - Analog Microelectronics AME5145 Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
AME
5
AME5145
1.6 MHz Boost Converter With
30V Internal FET Switch
Rev.B.01
Pin Number
Pin Name
Pin Description
1
NC
Not Connected
2
FB
Output voltage feedback input.
Set the output voltage by selecting values for R1 and R2 using:
Connect the ground of the feedback network to a GND plane.
3
NC
Not Connected
4
SW
Power Switch input.
This is the drain of the internal NMOS power switch.
Minimize the metal trace area connected to this pin to minimize EMI.
5
NC
Not Connected
6
IN
Analog and Power input. Input Supply Pin.
Place bypass capacitor as close to VIN as possible.
7
EN
Enable, active high.
The enable pin is an active high control. Tie this pin above 2V to enable the
device. Tie this pin below 0.4V to turn off the device.
8
NC
Not Connected


−
=
1
23
.
1
2
1
V
V
R
R
out
n Pin Description
AME5145AEVA DFN-8C(3mmx3mmx0.75mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com