Electronic Components Datasheet Search
  English  ▼

X  

AME5145 Datasheet(PDF) 12 Page - Analog Microelectronics

Part # AME5145
Description  1.6 MHz Boost Converter With
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME5145 Datasheet(HTML) 12 Page - Analog Microelectronics

Back Button AME5145 Datasheet HTML 8Page - Analog Microelectronics AME5145 Datasheet HTML 9Page - Analog Microelectronics AME5145 Datasheet HTML 10Page - Analog Microelectronics AME5145 Datasheet HTML 11Page - Analog Microelectronics AME5145 Datasheet HTML 12Page - Analog Microelectronics AME5145 Datasheet HTML 13Page - Analog Microelectronics AME5145 Datasheet HTML 14Page - Analog Microelectronics AME5145 Datasheet HTML 15Page - Analog Microelectronics AME5145 Datasheet HTML 16Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
AME
12
1.6 MHz Boost Converter with
30V Internal FET Switch
AME5145
Rev.B.01
n Application Hints
Calculating Load Current
The load current is related to the average inductor cur-
rent by the relation:
I
LOAD = IIND (AVG) x (1 - D)
Where
“D” is the duty cycle of the application. The
switch current can be found by:
I
SW = IIND (AVG) + 1 /2 (IRIPPLE)
Inductor ripple current is dependent on inductance, duty
cycle, input voltage and frequency:
I
RIPPLE = D x (VIN-VSW) / (f x L)
Combining all terms, we can develop an expression
which allows the maximum available load current to be
calculated:
Thermal Consuderations
Shutdown Pin Operation
I
LOAD =
( 1-D ) x ( I
SW (max) -
)
D ( V
IN-VSW )
2fL
At higher duty cycles, the increased ON time of the
FET means the maximum output current will be deter-
mined by power dissipation within the AME5145 FET
switch. The switch power dissipation from ON-state con-
duction is calculated by:
P
(SW) = D x IIND(AVE)2 x RDS(ON)
There will be some switching losses as well, so some
derating needs to be applied when calculating IC power
dissipation.
Inductor Suppliers
Recommended suppliers of inductors for this product
include, but are not limited to Sumida, Coilcraft, Panasonic,
TDK and Murata. When selecting an inductor, make cer-
tain that the continuous current rating is high enough to
avoid saturation at peak currents. A suitable core type
must be used to minimize core (switching) losses, and
wire power losses must be considered when selecting
the current rating.
The device is turned off by pulling the shutdown pin low.
If this function is not going to be used, the pin should be
tied directly to V
IN. If the SHDN function will be needed, a
pull-up resistor must be used to V
IN (approximately 50k-
100k recommended).
The EN pin must not be left
unterminated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com