Electronic Components Datasheet Search
  English  ▼

X  

AME5145 Datasheet(PDF) 7 Page - Analog Microelectronics

Part # AME5145
Description  1.6 MHz Boost Converter With
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME5145 Datasheet(HTML) 7 Page - Analog Microelectronics

Back Button AME5145 Datasheet HTML 3Page - Analog Microelectronics AME5145 Datasheet HTML 4Page - Analog Microelectronics AME5145 Datasheet HTML 5Page - Analog Microelectronics AME5145 Datasheet HTML 6Page - Analog Microelectronics AME5145 Datasheet HTML 7Page - Analog Microelectronics AME5145 Datasheet HTML 8Page - Analog Microelectronics AME5145 Datasheet HTML 9Page - Analog Microelectronics AME5145 Datasheet HTML 10Page - Analog Microelectronics AME5145 Datasheet HTML 11Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
AME
7
AME5145
1.6 MHz Boost Converter With
30V Internal FET Switch
Rev.B.01
n Ordering Information
Note: ww & yyww represents the date code and pls refer to Date Code Rule.
* A line on top of the first letter represents lead free plating such as BLLww.
Please consult AME sales office or authorized Rep./Distributor for the availability of package type.
Part Number
Marking*
Output
Voltage
Package
Operating Ambient
Temperature Range
AME5145AEEVADJZ
BLLww
ADJ
SOT-25
-40
OC to +85OC
AME5145AEEVADJY
BLLww
ADJ
TSOT-25
-40
OC to +85OC
AME5145AEVAADJZ-3
BLN
yyww
ADJ
DFN-8C
-40
OC to +85OC
AME5145AEQAADJZ
5145
Ayww
ADJ
MSOP-8
-40
OC to +85OC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com