Electronic Components Datasheet Search
  English  ▼

X  

AME5145 Datasheet(PDF) 14 Page - Analog Microelectronics

Part # AME5145
Description  1.6 MHz Boost Converter With
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME5145 Datasheet(HTML) 14 Page - Analog Microelectronics

Back Button AME5145 Datasheet HTML 10Page - Analog Microelectronics AME5145 Datasheet HTML 11Page - Analog Microelectronics AME5145 Datasheet HTML 12Page - Analog Microelectronics AME5145 Datasheet HTML 13Page - Analog Microelectronics AME5145 Datasheet HTML 14Page - Analog Microelectronics AME5145 Datasheet HTML 15Page - Analog Microelectronics AME5145 Datasheet HTML 16Page - Analog Microelectronics AME5145 Datasheet HTML 17Page - Analog Microelectronics AME5145 Datasheet HTML 18Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
AME
14
1.6 MHz Boost Converter with
30V Internal FET Switch
AME5145
Rev.B.01
Efficiency vs Load Current
Efficiency vs Load Current
I
Q VIN (Idle) vs Temperature
R
DS(ON) vs VIN
R
DS(on) vs Temperature
R
DS(ON)
vs Temperature
Temperature(°C)
100
200
300
400
500
0
1
2
3
4
5
Temperature (°C)
0
100
200
300
400
500
600
700
800
-50
-25
0
25
50
75
100
125
150
VIN (V)
0
50
100
150
200
250
300
350
400
450
500
550
600
650
700
750
2.5
3
3.5
4
4.5
5
5.5
6
6.5
7
7.5
8
Temperature (°C)
0
100
200
300
400
500
600
700
800
-50
- 25
0
25
50
75
100
125
150
100
300
Load Current (mA)
0
50
100
150
200
250
0
10
20
30
40
50
60
70
80
90
VIN = 2.7V,
VOUT = 5V
Load Current (mA)
0
10
20
30
40
50
60
70
80
90
100
0
200
400
600
800
1000
1200
1400
VIN = 4.2V,
VOUT = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com