Electronic Components Datasheet Search
  English  ▼

X  

AME5145 Datasheet(PDF) 9 Page - Analog Microelectronics

Part # AME5145
Description  1.6 MHz Boost Converter With
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME5145 Datasheet(HTML) 9 Page - Analog Microelectronics

Back Button AME5145 Datasheet HTML 5Page - Analog Microelectronics AME5145 Datasheet HTML 6Page - Analog Microelectronics AME5145 Datasheet HTML 7Page - Analog Microelectronics AME5145 Datasheet HTML 8Page - Analog Microelectronics AME5145 Datasheet HTML 9Page - Analog Microelectronics AME5145 Datasheet HTML 10Page - Analog Microelectronics AME5145 Datasheet HTML 11Page - Analog Microelectronics AME5145 Datasheet HTML 12Page - Analog Microelectronics AME5145 Datasheet HTML 13Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
AME
9
AME5145
1.6 MHz Boost Converter With
30V Internal FET Switch
Rev.B.01
n Electrical Specifications
V
IN = 5V, EN = VIN, TA= 25
oC, I
L = 0A, unless otherwise noted.
Parameter
Symbol
Min
Typ
Max
Units
Input Voltage
VIN
2.7
5.5
V
1.5
1.8
1.2
TA = 25
OC
0.4
0.6
TA = -40 to +85
oC
0.7
TA = 25
OC
0.5
0.7
TA = -40 to +85
oC
0.8
0
0
2
Feedback Pin Reference
Voltage
VFB
1.205
1.23
1.255
V
Feedback Pin Bias Current
IFB
60
500
nA
TA = 25
oC
2
TA = 25
oC
400
Shutdown Current
0.01
1
µA
Undervoltage Lockout
UVP
2.15
2.35
2.55
V
Over Temperature Protection
OTP
160
oC
OTP Hysteresis Temperature
20
oC
FB Voltage Line Regulation
0.02
%V
Switching Frequency
fSW
1
1.6
1.85
MHz
Maximum Duty Cycle
DMAX
86
93
%
Switch Leakage
ISW
0.1
2
µA
EN Input Threshold (Low)
(Shutdown)
0.4
EN Input Threshold (High)
(Enable the device)
2
FB = 1.3V
(Not Switching)
VIN = 5V
TA = -40 to +85
oC
VFB = 1.23V
Rising Edge
VIN=2.7V to 5.5V
Switch Current Limit
IEN
Quiescent Current
FB = 1.15V
(Switching)
EN = 5V
VIN = 3V
Switch ON Resistance
IQ
EN Pin Bias Current
VIN = 5V
TA = -40 to +85
oC
A
EN = 0V
TA = -40 to +85
oC
TA = 25
OC
Ω
µA
VIN = 5V
EN = 0V
VIN=3V, TA = -40 to +85
oC
EN = 0V
VIN=3V, TA = -40 to +85
oC
2.7V <= VIN <= 5.5V
Test Condition
RDSON
ICL
VIN = 3.3V
µA
mA
500
3
EN
Threshold
TA = -40 to +85
oC
TA = -40 to +85
oC
V
IN
FB
V
V
∆
∆



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com