Electronic Components Datasheet Search
  English  ▼

X  

AME5145 Datasheet(PDF) 16 Page - Analog Microelectronics

Part # AME5145
Description  1.6 MHz Boost Converter With
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME5145 Datasheet(HTML) 16 Page - Analog Microelectronics

Back Button AME5145 Datasheet HTML 12Page - Analog Microelectronics AME5145 Datasheet HTML 13Page - Analog Microelectronics AME5145 Datasheet HTML 14Page - Analog Microelectronics AME5145 Datasheet HTML 15Page - Analog Microelectronics AME5145 Datasheet HTML 16Page - Analog Microelectronics AME5145 Datasheet HTML 17Page - Analog Microelectronics AME5145 Datasheet HTML 18Page - Analog Microelectronics AME5145 Datasheet HTML 19Page - Analog Microelectronics AME5145 Datasheet HTML 20Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
AME
16
1.6 MHz Boost Converter with
30V Internal FET Switch
AME5145
Rev.B.01
Output Voltage vs Load Current
Output Voltage vs Load Current
12.4
11.8
12.0
12.2
0
50
100
150
200
250
300
350
400
IOUT (mA)
VIN = 3.3V
VIN = 2.7V
VIN = 5V
VOUT = 12V
19
16
17
18
0
50
100
150
200
250
300
350
IOUT (mA)
VOUT = 12V
VIN = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com