Electronic Components Datasheet Search
  English  ▼

X  

S8253C Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part # S8253C
Description  BATTERY PROTECTION IC FOR 2-SERIES OR 3-SERIES-CELL PACK
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8253C Datasheet(HTML) 6 Page - Seiko Instruments Inc

Back Button S8253C Datasheet HTML 2Page - Seiko Instruments Inc S8253C Datasheet HTML 3Page - Seiko Instruments Inc S8253C Datasheet HTML 4Page - Seiko Instruments Inc S8253C Datasheet HTML 5Page - Seiko Instruments Inc S8253C Datasheet HTML 6Page - Seiko Instruments Inc S8253C Datasheet HTML 7Page - Seiko Instruments Inc S8253C Datasheet HTML 8Page - Seiko Instruments Inc S8253C Datasheet HTML 9Page - Seiko Instruments Inc S8253C Datasheet HTML 10Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
BATTERY PROTECTION IC FOR 2-SERIES OR 3-SERIES-CELL PACK
S-8253C/D Series
Rev.2.1_00
Seiko Instruments Inc.
6
Pin Configuration
DOP
COP
VMP
CTL
VDD
VC1
VC2
VSS
8-Pin TSSOP
Top view
1
2
3
4
8
7
6
5
Table 3 S-8253C Series
Pin No.
Symbol
Description
1
DOP
Connection pin for discharge control FET gate
(CMOS output)
2
COP
Connection pin for charge control FET gate
(Nch open-drain output)
Figure 3
3
VMP
Pin for voltage detection between VDD and VMP
(Detection pin for overcurrent)
4
CTL
Input pin for charge / discharge control signal,
Pin for shortening test time
( L : Normal operation,
H : inhibit charge / discharge
M (VDD
× 1 / 2) : shorten test time)
5
VSS
Input pin for negative power supply,
Connection pin for negative voltage of battery 2
6
VC2
No connection
*1
7
VC1
Connection pin for negative voltage of battery 1,
for positive voltage of battery 2
8
VDD
Input pin for positive power supply,
Connection pin for positive voltage of battery 1
*1. No connection is electrically open. This pin can be connected to VDD or
VSS.
Remark Refer to the package drawings for the external views.
Table 4 S-8253D Series
Pin No.
Symbol
Description
1
DOP
Connection pin for discharge control FET gate
(CMOS output)
2
COP
Connection pin for charge control FET gate
(Nch open-drain output)
3
VMP
Pin for voltage detection between VDD and VMP
(Detection pin for overcurrent)
4
CTL
Input pin for charge / discharge control signal,
pin for shortening test time
( L : Normal operation,
H : inhibit charge / discharge,
M (VDD
× 1 / 2) : shorten test time)
5
VSS
Input pin for negative power supply,
Connection pin for negative voltage of battery 3
6
VC2
Connection pin for negative voltage of battery 2,
for positive voltage of battery 3
7
VC1
Connection pin for negative voltage of battery 1,
for positive voltage of battery 2
8
VDD
Input pin for positive power supply,
Connection pin for positive voltage of battery 1
Remark Refer to the package drawings for the external views.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com