Electronic Components Datasheet Search
  English  ▼

X  

S8253C Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part # S8253C
Description  BATTERY PROTECTION IC FOR 2-SERIES OR 3-SERIES-CELL PACK
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8253C Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S8253C Datasheet HTML 3Page - Seiko Instruments Inc S8253C Datasheet HTML 4Page - Seiko Instruments Inc S8253C Datasheet HTML 5Page - Seiko Instruments Inc S8253C Datasheet HTML 6Page - Seiko Instruments Inc S8253C Datasheet HTML 7Page - Seiko Instruments Inc S8253C Datasheet HTML 8Page - Seiko Instruments Inc S8253C Datasheet HTML 9Page - Seiko Instruments Inc S8253C Datasheet HTML 10Page - Seiko Instruments Inc S8253C Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
BATTERY PROTECTION IC FOR 2-SERIES OR 3-SERIES-CELL PACK
Rev.2.1_00
S-8253C/D Series
Seiko Instruments Inc.
7
Absolute Maximum Ratings
Table 5
(Ta
= 25°C unless otherwise specified)
Item
Symbol
Applicable Pins
Absolute Maximum Ratings
Unit
Input voltage between VDD and VSS
VDS
⎯
VSS
− 0.3 to VSS + 26
V
Input pin voltage
VIN
VC1, VC2
VSS
− 0.3 to VDD + 0.3
V
VMP pin input voltage
VVMP
VMP
VSS
− 0.3 to VSS + 26
V
DOP pin output voltage
VDOP
DOP
VSS
− 0.3 to VDD + 0.3
V
COP pin output voltage
VCOP
COP
VSS
− 0.3 to VVMP + 0.3
V
CTL input pin voltage
VIN_CTL
CTL
VSS
− 0.3 to VDD + 0.3
V
Power dissipation
PD
⎯
300 (When not mounted on board)
mW
700
*1
mW
Operating ambient temperature
Topr
⎯
− 40 to + 85
°C
Storage temperature
Tstg
⎯
− 40 to + 125
°C
*1. When mounted on board
[Mounted board]
(1) Board size :
114.3 mm
× 76.2 mm × t1.6 mm
(2) Board name : JEDEC STANDARD51-7
Caution The absolute maximum ratings are rated values exceeding which the product could suffer physical
damage. These values must therefore not be exceeded under any conditions.
0
50
100
150
600
400
200
0
Ambient Temperature (Ta) [
°C]
500
300
100
700
800
Figure 4 Power Dissipation of Package (When Mounted on Board)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com