Electronic Components Datasheet Search
  English  ▼

X  

S8253C Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S8253C
Description  BATTERY PROTECTION IC FOR 2-SERIES OR 3-SERIES-CELL PACK
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8253C Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S8253C Datasheet HTML 4Page - Seiko Instruments Inc S8253C Datasheet HTML 5Page - Seiko Instruments Inc S8253C Datasheet HTML 6Page - Seiko Instruments Inc S8253C Datasheet HTML 7Page - Seiko Instruments Inc S8253C Datasheet HTML 8Page - Seiko Instruments Inc S8253C Datasheet HTML 9Page - Seiko Instruments Inc S8253C Datasheet HTML 10Page - Seiko Instruments Inc S8253C Datasheet HTML 11Page - Seiko Instruments Inc S8253C Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
BATTERY PROTECTION IC FOR 2-SERIES OR 3-SERIES-CELL PACK
S-8253C/D Series
Rev.2.1_00
Seiko Instruments Inc.
8
Electrical Characteristics
1. Characteristics Other Than Detection Delay Time
Table 6 (1 / 2)
(Ta
= 25°C unless otherwise specified)
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Test
condi-
tion
Test
circuit
DETECTION VOLTAGE
Overcharge detection voltage n
VCUn
3.90 V to 4.40 V, Adjustable
VCUn
−0.025
VCUn
VCUn
+0.025
V
1
1
Overcharge release voltage n
VCLn
3.80 V to 4.40 V,
Adjustable
VCL
≠ VCU
VCLn
−0.05
VCLn
VCLn
+0.05
V
1
1
VCL
= VCU
VCLn
−0.025
VCLn
VCLn
+0.025
V
1
1
Overdischarge detection voltage n
VDLn
2.0 V to 3.0 V, Adjustable
VDLn
−0.080
VDLn
VDLn
+0.080
V
1
1
Overdischarge release voltage n
VDUn
2.0 V to 3.40 V,
Adjustable
VDL
≠ VDU
VDUn
−0.10
VDUn
VDUn
+0.10
V
1
1
VDL
= VDU
VDUn
−0.08
VDUn
VDUn
+0.08
V
1
1
Overcurrent detection voltage 1
VIOV1
0.05 V to 0.30 V, Adjustable
Based on VDD
VIOV1
−0.025
VIOV1
VIOV1
+0.025
V
2
1
Overcurrent detection voltage 2
VIOV2
Based on VDD
0.40
0.50
0.60
V
2
1
Overcurrent detection voltage 3
VIOV3
Based on VDD
0.9
1.2
1.5
V
2
1
Temperature coefficient 1
*1
TCOE1
Ta
= 0°C to 50°C
*3
−1.0
0
1.0
mV /
°C
⎯
⎯
Temperature coefficient 2
*2
TCOE2
Ta
= 0°C to 50°C
*3
−0.5
0
0.5
mV /
°C
⎯
⎯
0 V BATTERY CHARGE FUNCTION
0 V battery charge starting charger voltage V0CHA
0 V battery charging; available
⎯
0.8
1.5
V
12
5
0 V battery charge inhibition battery
voltage
V0INH
0 V battery charging; unavailable
0.4
0.7
1.1
V
12
5
INTERNAL RESISTANCE
Resistance between VMP and VDD
RVMD
V1
= V2 = V3
*4 = 3.5 V, VVMP = VSS
70
95
120
k
Ω
6
2
Resistance between VMP and VSS
RVMS
V1
= V2 = V3
*4 = 1.8 V, VVMP = VDD
450
900
1800
k
Ω
6
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com