Electronic Components Datasheet Search
  English  ▼

X  

S8253C Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S8253C
Description  BATTERY PROTECTION IC FOR 2-SERIES OR 3-SERIES-CELL PACK
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8253C Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S8253C Datasheet HTML 1Page - Seiko Instruments Inc S8253C Datasheet HTML 2Page - Seiko Instruments Inc S8253C Datasheet HTML 3Page - Seiko Instruments Inc S8253C Datasheet HTML 4Page - Seiko Instruments Inc S8253C Datasheet HTML 5Page - Seiko Instruments Inc S8253C Datasheet HTML 6Page - Seiko Instruments Inc S8253C Datasheet HTML 7Page - Seiko Instruments Inc S8253C Datasheet HTML 8Page - Seiko Instruments Inc S8253C Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
S-8253C/D Series
www.sii-ic.com
BATTERY PROTECTION IC
FOR 2-SERIES OR 3-SERIES-CELL PACK
© Seiko Instruments Inc., 2008-2015
Rev.2.1_00
Seiko Instruments Inc.
1
The S-8253C/D Series is a protection ICs for 2-series or 3-series cell lithium-ion rechargeable battery and includes high-
accuracy voltage detector and delay circuit.
This IC is suitable for protecting lithium-ion battery packs from overcharge, overdischarge and overcurrent.
Features
(1)
High-accuracy voltage detection for each cell
• Overcharge detection voltage n (n = 1 to 3)
3.9 V to 4.4 V (50 mV step)
Accuracy
±25 mV
• Overcharge release voltage n (n = 1 to 3)
3.8 V to 4.4 V
*1
Accuracy
±50 mV
• Overdischarge detection voltage n (n = 1 to 3)
2.0 V to 3.0 V (100 mV step)
Accuracy
±80 mV
• Overdischarge release voltage n (n = 1 to 3)
2.0 V to 3.4 V
*2
Accuracy
±100 mV
(2)
Three-level overcurrent detection (Including load short circuiting detection)
• Overcurrent detection voltage 1
0.05 V to 0.30 V (50 mV step) Accuracy
±25 mV
• Overcurrent detection voltage 2
0.5 V (Fixed)
• Overcurrent detection voltage 3
1.2 V (Fixed)
(3)
Delay time (Overcharge, Overdischarge, Overcurrent) is available by only using an internal circuit. (External
capacitors are unnecessary).
(4)
Charge / discharge operation can be inhibited by the control pin.
(5)
0 V battery charge function available / unavailable are selectable.
(6)
High-voltage withstand devices
Absolute maximum rating 26 V
(7)
Wide range of operating voltage
2 V to 24 V
(8)
Wide range of operating temperature
−40°C to +85°C
(9)
Low current consumption
• Operation mode
28
μA max. (+25°C)
• Power-down mode
0.1
μA max. (+25°C)
(10) Lead-free, Sn100%, halogen-free
*3
*1. Overcharge release voltage
= Overcharge detection voltage − Overcharge hysteresis voltage
(Overcharge hysteresis voltage n (n
= 1 to 3) can be selected in 0 V, or in 0.1 V to 0.4 V in 50 mV step.)
*2. Overdischarge release voltage
= Overdischarge detection voltage + Overdischarge hysteresis voltage
(Overdischarge hysteresis voltage n (n
= 1 to 3) can be selected in 0 V, or in 0.2 V to 0.7 V in 100 mV step.)
*3. Refer to “Product Name Structure” for details.
Applications
• Lithium-ion rechargeable battery packs
• Lithium polymer rechargeable battery packs
Package
• 8-Pin TSSOP


Similar Part No. - S8253C

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S8250A SII-S8250A Datasheet
736Kb / 36P
BATTERY PROTECTION IC WITH DISCHARGE CONTROL FUNCTION FOR 1-CELL PACK
S8250B SII-S8250B Datasheet
720Kb / 32P
BATTERY PROTECTION IC FOR 1-CELL PACK
S8252 SII-S8252 Datasheet
554Kb / 35P
BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
S8254A SII-S8254A Datasheet
359Kb / 29P
BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
logo
Hamamatsu Corporation
S8255 HAMAMATSU-S8255 Datasheet
142Kb / 2P
Si PIN photodiode
More results

Similar Description - S8253C

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8253A SII-S-8253A Datasheet
596Kb / 32P
BATTERY PROTECTION IC FOR 2-SERIAL OR 3-SERIAL-CELL PACK
logo
List of Unclassifed Man...
S-8204BAD ETC2-S-8204BAD Datasheet
763Kb / 36P
BATTERY PROTECTION IC FOR 3-SERIES OR 4-SERIES CELL PACK
logo
Seiko Instruments Inc
S8243A SII-S8243A Datasheet
619Kb / 35P
BATTERY PROTECTION IC FOR 3-SERIAL OR 4-SERIAL CELL PACK
S8254A SII-S8254A Datasheet
359Kb / 29P
BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
S8203A SII-S8203A Datasheet
2Mb / 30P
BATTERY PROTECTION IC FOR 3-SERIES CELL PACK
logo
ABLIC Inc.
S-8203A ABLIC-S-8203A Datasheet
696Kb / 30P
BATTERY PROTECTION IC FOR 3-SERIES CELL PACK
Rev.1.1_00
S-8204A ABLIC-S-8204A Datasheet
752Kb / 34P
BATTERY PROTECTION IC FOR 3-SERIES OR 4-SERIES CELL PACK
Rev.3.5_01
S-8204B ABLIC-S-8204B Datasheet
812Kb / 36P
BATTERY PROTECTION IC FOR 3-SERIES OR 4-SERIES CELL PACK
Rev.3.9_01
S-8205A ABLIC-S-8205A Datasheet
832Kb / 33P
BATTERY PROTECTION IC FOR 4-SERIES OR 5-SERIES CELL PACK
Rev.1.9_01
S-8253C ABLIC-S-8253C Datasheet
405Kb / 33P
BATTERY PROTECTION IC FOR 2-SERIES OR 3-SERIES-CELL PACK
Rev.2.5_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com