Electronic Components Datasheet Search
  English  ▼

X  

S8253C Datasheet(PDF) 11 Page - Seiko Instruments Inc

Part # S8253C
Description  BATTERY PROTECTION IC FOR 2-SERIES OR 3-SERIES-CELL PACK
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8253C Datasheet(HTML) 11 Page - Seiko Instruments Inc

Back Button S8253C Datasheet HTML 7Page - Seiko Instruments Inc S8253C Datasheet HTML 8Page - Seiko Instruments Inc S8253C Datasheet HTML 9Page - Seiko Instruments Inc S8253C Datasheet HTML 10Page - Seiko Instruments Inc S8253C Datasheet HTML 11Page - Seiko Instruments Inc S8253C Datasheet HTML 12Page - Seiko Instruments Inc S8253C Datasheet HTML 13Page - Seiko Instruments Inc S8253C Datasheet HTML 14Page - Seiko Instruments Inc S8253C Datasheet HTML 15Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
BATTERY PROTECTION IC FOR 2-SERIES OR 3-SERIES-CELL PACK
Rev.2.1_00
S-8253C/D Series
Seiko Instruments Inc.
11
Test Circuits
1. Overcharge Detection Voltage 1, Overcharge Release Voltage 1, Overdischarge Detection Voltage 1,
Overdischarge Release Voltage 1
(Test Condition 1, Test Circuit 1)
Confirm that V1
= V2 = 3.5 V (S-8253C Series), V1 = V2 = V3 = 3.5 V (S-8253D Series), V4 = 0 V, V5 = 0 V, and the
COP and DOP pins are “L” (VDD
× 0.1 V or lower) (this status is referred to as the initial status).
1. 1 Overcharge Detection Voltage 1 (VCU1), Overcharge Release Voltage 1 (VCL1)
Overcharge detection voltage 1 (VCU1) is the voltage of V1 when the voltage of the COP pin is “H” (VDD
× 0.9 V or
more) after the V1 voltage has been gradually increased starting at the initial status. Overcharge release voltage
1 (VCL1) is the voltage of V1 when the voltage at the COP pin is low after the V1 voltage has been gradually
decreased.
1. 2 Overdischarge Detection Voltage 1 (VDL1), Overdischarge Release Voltage 1 (VDU1)
Overdischarge detection voltage 1 (VDL1) is the voltage of V1 when the voltage of the DOP pin is high after the V1
voltage has been gradually decreased starting at the initial status. Overdischarge release voltage 1 (VDU1) is the
voltage of V1 when the voltage at the DOP pin is low after the V1 voltage has been gradually increased.
By changing Vn (n
= 2: S-8253C Series, n = 2, 3: S-8253D Series) the overcharge detection voltage (VCUn),
overcharge release voltage (VCLn), overdischarge detection voltage (VDLn), and overdischarge release voltage (VDUn)
can be measured in the same way as when n
= 1.
2. Overcurrent Detection Voltage 1, Overcurrent Detection Voltage 2, Overcurrent Detection Voltage 3
(Test Condition 2, Test Circuit 1)
Confirm that V1
= V2 = 3.5 V (S-8253C Series), V1 = V2 = V3 = 3.5 V (S-8253D Series), V4 = 0 V, V5 = 0 V, and the
COP pin and DOP pin are low (this status is referred to as the initial status).
2. 1 Overcurrent Detection Voltage 1 (VIOV1)
Overcurrent detection voltage 1 (VIOV1) is the voltage of V5 when the voltages of the COP pin and DOP pin are
high after the V5 voltage has been gradually increased starting at the initial status.
2. 2 Overcurrent Detection Voltage 2 (VIOV2)
Overcurrent detection voltage 2 (VIOV2) is a voltage at V5 when; by increasing a voltage at V5 instantaneously
(within 10
μs) from the initial state, the voltages of the COP and DOP pin are set to “H”, and its delay time is in the
range of minimum to maximum value of overcurrent detection delay time 2 (tIOV2).
2. 3 Overcurrent Detection Voltage 3 (VIOV3)
Overcurrent detection voltage 3 (VIOV3) is a voltage at V5 when; by increasing a voltage at V5 instantaneously
(within 10
μs) from the initial state, the voltages of the COP and DOP pin are set to “H”, and its delay time is in the
range of minimum to maximum value of overcurrent detection delay time 3 (tIOV3).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com