Electronic Components Datasheet Search
  English  ▼

X  

CMX148 Datasheet(PDF) 71 Page - CML Microcircuits

Part # CMX148
Description  Programmable Voice Scrambler
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX148 Datasheet(HTML) 71 Page - CML Microcircuits

Back Button CMX148 Datasheet HTML 67Page - CML Microcircuits CMX148 Datasheet HTML 68Page - CML Microcircuits CMX148 Datasheet HTML 69Page - CML Microcircuits CMX148 Datasheet HTML 70Page - CML Microcircuits CMX148 Datasheet HTML 71Page - CML Microcircuits CMX148 Datasheet HTML 72Page - CML Microcircuits CMX148 Datasheet HTML 73Page - CML Microcircuits CMX148 Datasheet HTML 74Page - CML Microcircuits CMX148 Datasheet HTML 75Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 71 / 75 page
background image
PMR Audio and Data Processor
CMX148
© 2010 CML Microsystems Plc
71
D/148/6
AC Parameters (cont.)
Notes
Min.
Typ.
Max.
Unit
DTMF Decoder
Sensitivity
–
−22
+3
dB
Response Time
–
35
–
ms
De-response Time
–
–
45
ms
Falsing Rate (per 30min Voice input)
–
10
–
Frequency Tolerance
–
±2.5
–
%
Twist
−10
–
+10
dB
Audio Compandor
Attack Time
–
4.0
–
ms
Decay Time
–
13
–
ms
0dB Point
84
–
100
–
mVrms
Compression/Expansion Ratio
–
2:1
–
DTMF Encoder
Output Signal Level
84,85
–
775
–
mVrms
Output Level Variation
dB
Output Distortion
–
–
5
%
MSK/FFSK Encoder
Output Signal Level
84
–
775
–
mVrms
Output Level Variation
−1.0
0
+1.0
dB
Output Distortion
–
–
5
%
3
rd Harmonic Distortion
–
–
3
%
Logic 1
frequency
1200baud and
2400baud
1198
1200
1202
Hz
Logic 0
frequency
1200baud
1798
1800
1802
Hz
2400baud
2398
2400
2402
Hz
Isochronous Distortion (0 to 1 and 1 to 0)
–
–
40
µs
Notes:
84
AVDD = 3.3V.
85
Measured in single tone mode, P1.0 set to $DAA0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com