Electronic Components Datasheet Search
  English  ▼

X  

CMX148 Datasheet(PDF) 23 Page - CML Microcircuits

Part # CMX148
Description  Programmable Voice Scrambler
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX148 Datasheet(HTML) 23 Page - CML Microcircuits

Back Button CMX148 Datasheet HTML 19Page - CML Microcircuits CMX148 Datasheet HTML 20Page - CML Microcircuits CMX148 Datasheet HTML 21Page - CML Microcircuits CMX148 Datasheet HTML 22Page - CML Microcircuits CMX148 Datasheet HTML 23Page - CML Microcircuits CMX148 Datasheet HTML 24Page - CML Microcircuits CMX148 Datasheet HTML 25Page - CML Microcircuits CMX148 Datasheet HTML 26Page - CML Microcircuits CMX148 Datasheet HTML 27Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 75 page
background image
PMR Audio and Data Processor
CMX148
© 2010 CML Microsystems Plc
23
D/148/6
AF Response - TX Mode
Pre-Emphasis TIA/EIA-603 Compliance
Hard Limiter
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
20
10
100
1000
10000
100000
Frequency (Hz)
12.5kHz & HPF Enabled (C2H=3400H)
25kHz & HPF Enabled (C2H=2C00H)
Template ((TIA/EIA)
Ref. 0dBV
RBW 10Hz
VBW 30Hz
Sweep Time: 160 secs
C1H 4002H
+6dB/octave
Figure 13 Audio Frequency Pre-emphasis
Modulator Output Routing
The sub-audio component can be combined with the audio band signal and this composite signal routed
to both MOD1 and MOD2 outputs, or the sub-audio and audio band signal can be output separately (sub-
audio to MOD2 and audio band to MOD1), in accordance with the settings of:
o
AuxADC and Tx MOD Mode - $A7 write
o
Input Gain and Output Signal Routing - $B1 write
Alternatively, the combined sub-audio and audio band composite signal can be output on MOD1 and
MOD2 in a phase/quadrature (I/Q) format suitable for direct upconversion to the final RF signal.
Due to the nature of the I/Q modulation, this mode is only feasible in RF channels/systems which have a
maximum frequency deviation of 3kHz or less. Additional test modes are provided for calibrating external
circuits. Tx I/Q mode is particularly suitable for data transmission.
InputAGC
An Automatic Gain Control system can be enabled by setting the relevant bits of the Program Block P4.9.
The setting of the Input1 Gain stage is recorded when the device enters Tx mode and if the signal
exceeds the pre-set threshold, the Input1 Gain is automatically reduced in 3.2dB steps until it falls within
the operational levels or the range of the gain stage is exhausted. When the signal level drops, the gain
will be automatically increased in 3.2dB steps at the rate set in P4.9 until the initial values has been
reached. For maximum effect the system should be designed such that the +22.4dB setting of the Input1
Gain stage achieves the nominal levels. To ensure consistent operation, it is recommended that the
Input1 Gain stage value be re-initialised before entering Tx mode. The signal that is used as an input to
this process can be selected to be either the:
•
Output of Input1 Gain Stage
•
Output of the Pre-emphasis Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com