Electronic Components Datasheet Search
  English  ▼

X  

CMX148 Datasheet(PDF) 22 Page - CML Microcircuits

Part # CMX148
Description  Programmable Voice Scrambler
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX148 Datasheet(HTML) 22 Page - CML Microcircuits

Back Button CMX148 Datasheet HTML 18Page - CML Microcircuits CMX148 Datasheet HTML 19Page - CML Microcircuits CMX148 Datasheet HTML 20Page - CML Microcircuits CMX148 Datasheet HTML 21Page - CML Microcircuits CMX148 Datasheet HTML 22Page - CML Microcircuits CMX148 Datasheet HTML 23Page - CML Microcircuits CMX148 Datasheet HTML 24Page - CML Microcircuits CMX148 Datasheet HTML 25Page - CML Microcircuits CMX148 Datasheet HTML 26Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 75 page
background image
PMR Audio and Data Processor
CMX148
© 2010 CML Microsystems Plc
22
D/148/6
The CMX148 provides selectable pre-emphasis filtering of +6dB per octave from 300Hz to 3000Hz,
matching the template shown
AF Response - TX Mode
Pre-Emphasis TIA/EIA-603 Compliance
Soft Limiter
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
20
10
100
1000
10000
100000
Frequency (Hz)
12.5kHz & HPF Enabled (C2H=3400H)
25kHz & HPF Enabled (C2H=2C00H)
Template ((TIA/EIA)
Ref. 0dBV
RBW 10Hz
VBW 30Hz
Sweep Time: 160 secs
C1H 4002H
+6dB/octave
Figure 12 Audio Frequency Pre-emphasis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com