Electronic Components Datasheet Search
  English  ▼

X  

AME8570M Datasheet(PDF) 22 Page - Analog Microelectronics

Part # AME8570M
Description  Manual Reset Input Option
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8570M Datasheet(HTML) 22 Page - Analog Microelectronics

Back Button AME8570M Datasheet HTML 17Page - Analog Microelectronics AME8570M Datasheet HTML 18Page - Analog Microelectronics AME8570M Datasheet HTML 19Page - Analog Microelectronics AME8570M Datasheet HTML 20Page - Analog Microelectronics AME8570M Datasheet HTML 21Page - Analog Microelectronics AME8570M Datasheet HTML 22Page - Analog Microelectronics AME8570M Datasheet HTML 23Page - Analog Microelectronics AME8570M Datasheet HTML 24Page - Analog Microelectronics AME8570M Datasheet HTML 25Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
AME
µµµµµProcessor Supervisory
AME8570M
22
Rev. A.14
TSOT-25A
n
Package Dimension (Contd.)
TOP VIEW
REAR VIEW
E1
D
e
e1
b
SIDE VIEW
L
E
c
0.25
PIN1
n
Lead Pattern Drawing
0.70 BSC
0.95 BSC
0.95 BSC
1.90 BSC
Note:
1. Lead pattern unit description:
BSC: Basic. Represents theoretical exact dimension or
dimension target.
2. Dimensions in Millimeters.
3. General tolerance +0.05mm unless otherwise specified.
MIN
MAX
MIN
MAX
A
0.700
0.900
0.028
0.035
A1
0.000
0.100
0.000
0.004
A2
0.700
0.800
0.028
0.031
b
0.350
0.500
0.014
0.020
c
0.080
0.200
0.003
0.008
D
2.820
3.020
0.111
0.119
E
1.600
1.700
0.063
0.067
E1
2.650
2.950
0.104
0.116
e
e1
L
0.300
0.600
0.012
0.024
θθθθ
0o
8o
0o
8o
1.90 BSC
0.075 BSC
SYMBOLS
MILLIMETERS
INCHES
0.95 BSC
0.037 BSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com