Electronic Components Datasheet Search
  English  ▼

X  

AME8570M Datasheet(PDF) 3 Page - Analog Microelectronics

Part # AME8570M
Description  Manual Reset Input Option
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8570M Datasheet(HTML) 3 Page - Analog Microelectronics

  AME8570M Datasheet HTML 1Page - Analog Microelectronics AME8570M Datasheet HTML 2Page - Analog Microelectronics AME8570M Datasheet HTML 3Page - Analog Microelectronics AME8570M Datasheet HTML 4Page - Analog Microelectronics AME8570M Datasheet HTML 5Page - Analog Microelectronics AME8570M Datasheet HTML 6Page - Analog Microelectronics AME8570M Datasheet HTML 7Page - Analog Microelectronics AME8570M Datasheet HTML 8Page - Analog Microelectronics AME8570M Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
AME
AME8570M
µµµµµProcessor Supervisory
Rev. A.14
3
n
Pin Configuration (Contd.)
n
Pin Description
SOT-143
Top View
AME8570M-A4Uxxxxxx
1. GND
2. RESET/RESETB
3. MRB
4. IN
* Die Attach:
Conductive Epoxy
SOT-25/TSOT-25A
Top View
AME8570M-AEVxxxxxx
1. RESET/RESETB
2. IN
3. GND
4. NC
5. NC
* Die Attach:
Non-Conductive Epoxy
1
2
4
AME 8570M
3
1
3
2
5
4
AME8570M
A B C
1
2
3
1
3
GND
Ground.
2
1
1
2
1
RESET /
RESETB
This pin can be ordered as RESET or RESETB.
Reset is active high. RESETB is active low. It is
also available with an open-drain or push-pull
output.
3
3
2
4
2
IN
Positive power supply. A reset is asserted after
this voltage drops below a predetermined level.
After VIN rises above that level the reset output
remains asserted until the end of the reset timeout
period.
3
N/A
MRB
Manual RESET. Active low. Pulling this pin low
forces a reset. After a low to high transition reset,
remains asserted for exactly one reset timeout
period. This pin is internally pulled high. The pin
is floating or tied to VIN, if it is unused.
4, 5
NC
No Internal Connection.
N/A
N/A
Pin Number
SOT-143
SOT-25 /
TSOT-25A
SOT-23 /
SOT-23A
Pin Name
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com