Electronic Components Datasheet Search
  English  ▼

X  

AME8570M Datasheet(PDF) 10 Page - Analog Microelectronics

Part # AME8570M
Description  Manual Reset Input Option
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8570M Datasheet(HTML) 10 Page - Analog Microelectronics

Back Button AME8570M Datasheet HTML 6Page - Analog Microelectronics AME8570M Datasheet HTML 7Page - Analog Microelectronics AME8570M Datasheet HTML 8Page - Analog Microelectronics AME8570M Datasheet HTML 9Page - Analog Microelectronics AME8570M Datasheet HTML 10Page - Analog Microelectronics AME8570M Datasheet HTML 11Page - Analog Microelectronics AME8570M Datasheet HTML 12Page - Analog Microelectronics AME8570M Datasheet HTML 13Page - Analog Microelectronics AME8570M Datasheet HTML 14Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
AME
µµµµµProcessor Supervisory
AME8570M
10
Rev. A.14
n
Electrical Specifications
T
A = 25
O
C unless otherwise noted.
Parameter
Symbol
Min
Typ
Max
Units
VIN Range
VRANGE
1
5.5
V
3
5
VTH
-1.5%
VTH
+1.5%
VTH
-2%
VTH
+2%
Hysteresis Range
VHYST
10
30
60
mV
ISOURCE = 0.5mA,
VIN > 1.8V
ISOURCE = 0.15mA,
1.8V >= VIN > 1.0V
ISOURCE = 0.5mA,
VIN > 1.8V
ISOURCE = 0.15mA,
1.8V >= VIN > 1.0V
RESETB Output Voltage Low
VIN < VTH (MIN)
RESET Output Voltage Low
VIN > VTH (MAX)
VIN to RESET Delay
TD1
40
µS
Version A
0.5
1.5
5
mS
Version E
80
150
230
mS
Version F
140
210
500
mS
MRB IL
0.7
MRB IH
0.8VIN
MRB Pulse Width
1
µS
MRB Noise Immunity
(pulse width with no reset)
100
nS
MRB to RESET Delay
500
nS
MRB Pull Up Resistance
80
120
KΩ
VIN = VTH*1.10, TA=-40oC~+85oC
MRB unconnected
µA
Supply Current
IIN
VIN > VTH (MAX)
0.8VIN
VIN < VTH (MIN)
V
0.2
Test Condition
VIN = VTH*1.10
MRB unconnected
TA = -40oC to +85oC
V
RESETB Output
Voltage High
RESET Output
Voltage High
VOL
ISINK = 1.2mA,
TJ = -40oC to +85oC
VIN = VTH -100mV; TA = -40oC to +85oC
VOH
MRB Input Threshold
VIN = VTH x 1.2
TA = -40oC to +85oC
VTH
RESET Threshold
RESET Timeout Period
TD2
TA = -40oC to +85oC
V
V
VRelease - VTH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com