Electronic Components Datasheet Search
  English  ▼

X  

AME8570M Datasheet(PDF) 1 Page - Analog Microelectronics

Part # AME8570M
Description  Manual Reset Input Option
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8570M Datasheet(HTML) 1 Page - Analog Microelectronics

  AME8570M Datasheet HTML 1Page - Analog Microelectronics AME8570M Datasheet HTML 2Page - Analog Microelectronics AME8570M Datasheet HTML 3Page - Analog Microelectronics AME8570M Datasheet HTML 4Page - Analog Microelectronics AME8570M Datasheet HTML 5Page - Analog Microelectronics AME8570M Datasheet HTML 6Page - Analog Microelectronics AME8570M Datasheet HTML 7Page - Analog Microelectronics AME8570M Datasheet HTML 8Page - Analog Microelectronics AME8570M Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
AME
AME8570M
µµµµµProcessor Supervisory
Rev. A.14
1
n
Functional Block Diagram
The AME8570M family allows the user to customize
the CPU reset function without any external components.
The user has serveral choice of reset voltage thresholds,
reset time intervals, and output driver configurations, all
of which are preset at the factory.
These circuits monitor the power supply voltage of
µP
based systems. When the power supply voltage drops
below the voltage threshold a reset is asserted immedi-
ately ( within an interval T
D1 ). The reset remains asserted
after the supply voltage rises above the voltage threshold
for a time interval, T
D2. The reset output may be either
active high ( RESET ) or active low ( RESETB ). The
reset output may be configured as either push/pull or
open drain. The state of the reset output is guaranteed
to be correct only when supply voltage is greater than
1V.
The AME8570M also provide a reset manually by pull-
ing the MRB input to ground.
Space saving SC-70 package and micropower quies-
cent current (<3.0
µA ) make this family a natural for por-
table battery powered equipment.
l
Portable Electronics
l
Power Supplies
l
Computer Peripherals
l
Data Acquisition Systems
l
Applications using CPUs
l
Consumer Electronics
n
General Description
n
Features
n
Applications
l
Small Packages : SC-70-4, SOT-23,
TSOT-23A, SOT-25, TSOT-25A, SOT-143
l
Tight Voltage Threshold Tolerance:¡Ó1.50%
l
Wide Temperature Range : -40OC to +85OC
l
Low Quiescent Current <3.0
µA
l
Manual Reset Input Option
l
Green Products Meet RoHS Standards
AME8570M Push-Pull RESET/ RESETB
AME8570M Open-Drain RESET/RESETB
AME8570M Push-Pull RESET/ RESETB with MRB
AME8570M Open-Drain RESET/RESETB with MRB
Delay
IN
GND
R1
R2
I1
VREF
P1
N1
RESET/
RESETB
Delay
IN
R1
R2
I1
VREF
N1
RESET/
RESETB
Delay
IN
GND
R1
R2
I1
VREF
N1
MRB
RESET/
RESETB
MRB
Delay
IN
GND
R1
R2
I1
VREF
P1
N1
RESET/
RESETB


Similar Part No. - AME8570M

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8570 AME-AME8570 Datasheet
196Kb / 17P
mProcessor Supervisory
AME8570AEET AME-AME8570AEET Datasheet
196Kb / 17P
mProcessor Supervisory
AME8570AEETAF23Z AME-AME8570AEETAF23Z Datasheet
196Kb / 17P
mProcessor Supervisory
AME8570AEETAF26Z AME-AME8570AEETAF26Z Datasheet
196Kb / 17P
mProcessor Supervisory
AME8570AEETAF29Z AME-AME8570AEETAF29Z Datasheet
196Kb / 17P
mProcessor Supervisory
More results

Similar Description - AME8570M

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC811 AIC-AIC811 Datasheet
421Kb / 8P
Reset Circuits with Manual Reset Input
logo
Microchip Technology
TC1270A MICROCHIP-TC1270A Datasheet
573Kb / 40P
Voltage Supervisor with Manual Reset Input
2007
logo
SG Micro Corp
SGM811 SGMICRO-SGM811 Datasheet
480Kb / 9P
Microprocessor Supervisory with Manual Reset Input
logo
Silicon Standard Corp.
SS811 SSC-SS811 Datasheet
320Kb / 8P
Reset Circuits with Manual Reset Input
logo
Texas Instruments
TPS386596L33 TI-TPS386596L33 Datasheet
477Kb / 12P
Quad Reset Supervisor with Manual Reset Input
TPS386596 TI1-TPS386596 Datasheet
803Kb / 14P
Quad Reset Supervisor with Manual Reset Input
logo
SG Micro Corp
SGM811 SGMICRO-SGM811_15 Datasheet
360Kb / 2P
Microprocessor Supervisory with Manual Reset Input
logo
Sangdest Microelectroni...
SSR811 SMC-SSR811 Datasheet
277Kb / 10P
Reset Circuits with Manual Reset Input
logo
SG Micro Corp
SGM811 SGMICRO-SGM811_17 Datasheet
1Mb / 12P
Microprocessor Supervisory with Manual Reset Input
logo
Microchip Technology
TC1270A MICROCHIP-TC1270A_V01 Datasheet
1Mb / 42P
Voltage Supervisor with Manual Reset Input
Revision F January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com