Electronic Components Datasheet Search
  English  ▼

X  

AME8570M Datasheet(PDF) 5 Page - Analog Microelectronics

Part # AME8570M
Description  Manual Reset Input Option
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8570M Datasheet(HTML) 5 Page - Analog Microelectronics

  AME8570M Datasheet HTML 1Page - Analog Microelectronics AME8570M Datasheet HTML 2Page - Analog Microelectronics AME8570M Datasheet HTML 3Page - Analog Microelectronics AME8570M Datasheet HTML 4Page - Analog Microelectronics AME8570M Datasheet HTML 5Page - Analog Microelectronics AME8570M Datasheet HTML 6Page - Analog Microelectronics AME8570M Datasheet HTML 7Page - Analog Microelectronics AME8570M Datasheet HTML 8Page - Analog Microelectronics AME8570M Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
AME
AME8570M
µµµµµProcessor Supervisory
Rev. A.14
5
n
Available Options
Note:
1. The first 3 places represent product code. It is assigned by AME such as CBS.
2. A bar on top of first letter represents Green Part such as CBS.
3. w represent the date code and please refer to date code rule section for detail information.
4. The last 3 places MXX represent Marking Code. It contains M as date code in "month", XX as LN code and
that is for AME internal use only. Please refer to date code rule section for detail information.
5. Please consult AME sales office or authorized Rep./Distributor for the availability of output voltage and package
type.
Part Number
Marking
Detect Voltage Package
Operating Ambient
Temperature Range
AME8570M-AIUCF160
CBSw
1.60V
SC-70-4
-40oC to +85oC
AME8570M-AIUCF180
CCVw
1.80V
SC-70-4
-40oC to +85oC
AME8570M-AIUAF263
CBKw
2.63V
SC-70-4
-40oC to +85oC
AME8570M-AIUAF293
COYw
2.93V
SC-70-4
-40oC to +85oC
AME8570M-AIUBF293
CBTw
2.93V
SC-70-4
-40oC to +85oC
AME8570M-AIUAA463
CBPw
4.63V
SC-70-4
-40oC to +85oC
AME8570M-AIUAE463
CBQw
4.63V
SC-70-4
-40oC to +85oC
AME8570M-AIUAF463
CBRw
4.63V
SC-70-4
-40oC to +85oC
AME8570M-A4UAE293
CLXMXX
2.93V
SOT-143
-40oC to +85oC
AME8570M-A4UAF263
CDMMXX
2.63V
SOT-143
-40oC to +85oC
AME8570M-A4UAF463
CIUMXX
4.63V
SOT-143
-40oC to +85oC
AME8570M-A4UAF293
CBUMXX
2.93V
SOT-143
-40oC to +85oC
AME8570M-A4UAF308
CHOMXX
3.08V
SOT-143
-40oC to +85oC
AME8570M-A4UBE230
CHUMXX
2.30V
SOT-143
-40oC to +85oC
AME8570M-A4UBE308
CHMMXX
3.08V
SOT-143
-40oC to +85oC
AME8570M-A4UBF263
CIVMXX
2.63V
SOT-143
-40oC to +85oC
AME8570M-A4UBF293
CIXMXX
2.93V
SOT-143
-40oC to +85oC
AME8570M-A4UBF308
CHNMXX
3.08V
SOT-143
-40oC to +85oC
AME8570M-A4UBF463
CIYMXX
4.63V
SOT-143
-40oC to +85oC
AME8570M-AETBE180
CFVMXX
1.80V
SOT-23
-40oC to +85oC
AME8570M-AETBE200
CFQMXX
2.00V
SOT-23
-40oC to +85oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com