Electronic Components Datasheet Search
  English  ▼

X  

AME8570M Datasheet(PDF) 23 Page - Analog Microelectronics

Part # AME8570M
Description  Manual Reset Input Option
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8570M Datasheet(HTML) 23 Page - Analog Microelectronics

Back Button AME8570M Datasheet HTML 17Page - Analog Microelectronics AME8570M Datasheet HTML 18Page - Analog Microelectronics AME8570M Datasheet HTML 19Page - Analog Microelectronics AME8570M Datasheet HTML 20Page - Analog Microelectronics AME8570M Datasheet HTML 21Page - Analog Microelectronics AME8570M Datasheet HTML 22Page - Analog Microelectronics AME8570M Datasheet HTML 23Page - Analog Microelectronics AME8570M Datasheet HTML 24Page - Analog Microelectronics AME8570M Datasheet HTML 25Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
AME
AME8570M
µµµµµProcessor Supervisory
Rev. A.14
23
n
Package Dimension (Contd.)
SC-70-4
MIN
MAX
MIN
MAX
A
0.900
1.100
0.035
0.043
A1
0.000
0.100
0.000
0.004
A2
0.900
1.000
0.035
0.039
b
0.250
0.400
0.010
0.016
b1
0.350
0.500
0.014
0.020
c
0.080
0.150
0.003
0.006
d
D
2.000
2.200
0.079
0.087
E
1.150
1.350
0.045
0.053
E1
2.150
2.450
0.085
0.096
e
e1
1.200
1.400
0.047
0.055
L
L1
0.260
0.460
0.010
0.018
θθθθ
0o
8o
0o
8o
0.525 REF
0.021 REF
0.650 TYP
0.026TYP
SYMBOLS
MILLIMETERS
INCHES
0.050 TYP
0.002 TYP
TOP VIEW
FRONT VIEW
E1
D
e
e1
b1
b
d
SIDE VIEW
L
L1
E
c
0.20
PIN1
1.3 BSC
0.45 BSC
0.35 BSC
0.05REF
n
Lead Pattern Drawing
Note:
1. Lead pattern unit description:
BSC: Basic. Represents theoretical exact dimension or
dimension target.
2. Dimensions in Millimeters.
3. General tolerance +0.05mm unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com