Electronic Components Datasheet Search
  English  ▼

X  

EV6240 Datasheet(PDF) 39 Page - CML Microcircuits

Part # EV6240
Description  Opto-Isolated serial interface capability
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV6240 Datasheet(HTML) 39 Page - CML Microcircuits

Back Button EV6240 Datasheet HTML 35Page - CML Microcircuits EV6240 Datasheet HTML 36Page - CML Microcircuits EV6240 Datasheet HTML 37Page - CML Microcircuits EV6240 Datasheet HTML 38Page - CML Microcircuits EV6240 Datasheet HTML 39Page - CML Microcircuits EV6240 Datasheet HTML 40Page - CML Microcircuits EV6240 Datasheet HTML 41Page - CML Microcircuits EV6240 Datasheet HTML 42Page - CML Microcircuits EV6240 Datasheet HTML 43Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 47 page
background image
Evaluation Kit for CMX624/CMX644A
EV6240
39
© 1999 Consumer Microcircuits Limited
UM6240/3
1.6.6.5 V22/Bell 212A Handshaking Sequence for an EV6240 Calling Modem via a 2-Wire Line
Figure 10 is a flowchart illustrating the firmware handshaking sequence performed when an on-board
CMX644A modem originates a call to an external V22/Bell 212A simulator/modem.
The firmware assumes the external equipment has been configured to answer the call using the
appropriate protocol.
The states shown in the diagram are as follows:
Calling Modem Entry Point
On entry the Modem will be off-hook, DTMF dialling and the required call progress monitoring
completed.
State 1
Start the Wait for Carrier after Dial Timer (setting stored in S7).
Check Communications Standard selected by user (Bell or ITU-T).
If Bell
Set up CMX644A to detect 2225Hz Answer tone.
Goto State 6.
State 2
Set up CMX644A to detect 2100Hz Answer tone.
Start transmitting the 1300Hz Calling tone (Cadence 0.6s on and 1.5s off).
State 3
If the 2100Hz Answer tone is detected then start Validation Timer (setting stored in S18).
If the 2100Hz Answer tone is detected for 1s stop transmitting the 1300Hz Calling Tone then goto
State 4.
If the Wait for Carrier after Dial Timer expires then Hang Up and Exit.
State 4
Wait until silence occurs (2100Hz Answer tone not detected)
Start a 60ms Timer.
Set up CMX644A to detect 2225Hz Answer tone (set up will allow for frequency detection of
either the 2225Hz Answer tone or High Band Unscrambled PSK 1’s (marks))
Goto State 5.
If Validation Timer expires the 2100Hz Answer tone has been present for too long so Hang Up and
Exit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com