Electronic Components Datasheet Search
  English  ▼

X  

EV6240 Datasheet(PDF) 23 Page - CML Microcircuits

Part # EV6240
Description  Opto-Isolated serial interface capability
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV6240 Datasheet(HTML) 23 Page - CML Microcircuits

Back Button EV6240 Datasheet HTML 19Page - CML Microcircuits EV6240 Datasheet HTML 20Page - CML Microcircuits EV6240 Datasheet HTML 21Page - CML Microcircuits EV6240 Datasheet HTML 22Page - CML Microcircuits EV6240 Datasheet HTML 23Page - CML Microcircuits EV6240 Datasheet HTML 24Page - CML Microcircuits EV6240 Datasheet HTML 25Page - CML Microcircuits EV6240 Datasheet HTML 26Page - CML Microcircuits EV6240 Datasheet HTML 27Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 47 page
background image
Evaluation Kit for CMX624/CMX644A
EV6240
23
© 1999 Consumer Microcircuits Limited
UM6240/3
CML Specific AT Commands
Command
Description
@Bn
Ring Detection
Instructs PIC to detect BT or Bell ringing on a modem’s Ring Detect Line.
Syntax: AT@Bn<CR>
Modifier Usage
n=0 BT ring detection (default).
n=1 Bell ring detection.
@En
Evaluation Mode
Informs PIC which mode we will be operating in.
Syntax: AT@En<CR>
Modifier Usage
n=0 Selects Modem Mode (default).
n=1 Selects Test Mode.
@Fn
Test Functions
Syntax: AT@Fn<CR>
Modifier Usage
n=0 Return the status of the following digital inputs:-
IRQN1 (Bit 0), LV1 (Bit 1), IRQN2 (Bit 4), and LV2 (Bit 5).
n=1 BER measurement. (Not available in the current firmware revision).
n=2 BER Test points (Returns status of input and sets outputs high).
n=3 BER Test points (Returns status of input and sets outputs low).
n=4 CD LED On.
n=5 CD LED Off.
n=6 Simulate Ring Burst.
n=7 Simulate Ring Silence.
@Mn
Modem Focus
Informs PIC which modem should have the AT Command focus. All
subsequent AT Commands are directed at the modem with the focus.
Syntax: AT@Mn<CR>
Modifier Usage
n=0 Directs all subsequent AT Commands to Modem One (default).
n=1 Directs all subsequent AT Commands to Modem Two.
@RR
CMX6x4 Device Reset
Resets the CMX6x4 device for the modem with focus.
Syntax: AT@RR<CR>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com