Electronic Components Datasheet Search
  English  ▼

X  

EV6240 Datasheet(PDF) 25 Page - CML Microcircuits

Part # EV6240
Description  Opto-Isolated serial interface capability
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV6240 Datasheet(HTML) 25 Page - CML Microcircuits

Back Button EV6240 Datasheet HTML 21Page - CML Microcircuits EV6240 Datasheet HTML 22Page - CML Microcircuits EV6240 Datasheet HTML 23Page - CML Microcircuits EV6240 Datasheet HTML 24Page - CML Microcircuits EV6240 Datasheet HTML 25Page - CML Microcircuits EV6240 Datasheet HTML 26Page - CML Microcircuits EV6240 Datasheet HTML 27Page - CML Microcircuits EV6240 Datasheet HTML 28Page - CML Microcircuits EV6240 Datasheet HTML 29Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 47 page
background image
Evaluation Kit for CMX624/CMX644A
EV6240
25
© 1999 Consumer Microcircuits Limited
UM6240/3
S-Registers
The following table gives a brief description of the available S-registers and their functions. Register range,
units and factory profiles are also listed
.
S- Register
Factory Profiles
Reg
Range
Units
Description
‘0’
(Default at
Power up
)
‘1’
S0
0-255
Rings
Automatic answer - The number of rings until
automatic answer. If the register is set to zero,
modem does not answer.
0
5
S1
0-255
Rings
Count incoming rings - This register is read
only and contains the number of rings detected
by the modem.
0
0
S2
0-127
ASCII
Decimal
Escape character value - This register defines
an ASCII decimal value of the escape character.
The default setting is an ASCII + and the escape
sequence is +++. A value over 127 disables the
escape sequence.
43
43
S3
0-127
ASCII
Decimal
Carriage return character - Contains the ASCII
decimal value of the character used to send a
carriage return. This character ends both
commands and result codes.
13
13
S4
0-127
ASCII
Decimal
Line feed character - Contains the ASCII
decimal value of the character used to send a
line feed. The modem sends the line feed
character after a carriage return only when word
responses are sent.
10
10
S6
2-255
s
Wait time for blind dialling - Sets the length of
time to pause after the modem goes off the
hook before the modem dials the first digit of the
telephone number.
2
2
S7
1-255
s
Wait for carrier after dial - Sets the length of
time the modem waits for a carrier before
returning on-hook.
50
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com