Electronic Components Datasheet Search
  English  ▼

X  

EV6240 Datasheet(PDF) 5 Page - CML Microcircuits

Part # EV6240
Description  Opto-Isolated serial interface capability
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV6240 Datasheet(HTML) 5 Page - CML Microcircuits

  EV6240 Datasheet HTML 1Page - CML Microcircuits EV6240 Datasheet HTML 2Page - CML Microcircuits EV6240 Datasheet HTML 3Page - CML Microcircuits EV6240 Datasheet HTML 4Page - CML Microcircuits EV6240 Datasheet HTML 5Page - CML Microcircuits EV6240 Datasheet HTML 6Page - CML Microcircuits EV6240 Datasheet HTML 7Page - CML Microcircuits EV6240 Datasheet HTML 8Page - CML Microcircuits EV6240 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
Evaluation Kit for CMX624/CMX644A
EV6240
5
© 1999 Consumer Microcircuits Limited
UM6240/3
1.3
Quick Start
This section provides instructions for users who wish to experiment immediately with the evaluation
kit. A fuller description of the kit and its use appears later in this document.
1.3.1
Setting-Up
THE EV6240 COMES PRE-CONFIGURED WITH TWO CMX624 EVALUATION DEVICES FOR
OPERATION AT 5.0 VOLTS OVER A 2-WIRE LINE AND TO BE CONTROLLED VIA A NON-
ISOLATED PC INTERFACE.
RJ11 (US style) phone jacks are provided for 2-wire and 4-wire connections. Power is connected via
the two-way socket, J1.
Attach the 9-way RS232 cable between connector J2 and the serial port of the PC. Connect a line
simulator/external modem via one of the 2-wire line RJ11 connectors.
1.3.2
Adjustments
No board adjustments are required by the user.
Telco-specific components may be added, as
required.
1.3.3
Operation
Each Modem is provided with an off-hook dc load, R20 (Modem One) and R48 (Modem Two). The
factory-fitted value is 2k2
Ω so that line simulators know when the modem has gone off hook. This
resistor may be removed or an alternative value substituted.
Line impedance (ac) matching is
provided by T1, R26 (Modem One) and T4, R54 (Modem Two).
The modems are controlled by the AT command set, described in Section 1.6.3, by running a terminal
emulator program on the host PC.
A suitable emulator is the ‘Hyper Terminal’ program which
operates under Windows ’95 or NT systems.
There are two modes of operation for the Evaluation Kit:
Modem Mode allows one of the evaluation board modems to perform calling, answering and simple
data transfer with a line simulator or external third party modem (not supplied).
Test Mode allows diagnostic and performance tests to be made on Modem One and/or Modem Two.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com