Electronic Components Datasheet Search
  English  ▼

X  

EV6240 Datasheet(PDF) 19 Page - CML Microcircuits

Part # EV6240
Description  Opto-Isolated serial interface capability
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV6240 Datasheet(HTML) 19 Page - CML Microcircuits

Back Button EV6240 Datasheet HTML 15Page - CML Microcircuits EV6240 Datasheet HTML 16Page - CML Microcircuits EV6240 Datasheet HTML 17Page - CML Microcircuits EV6240 Datasheet HTML 18Page - CML Microcircuits EV6240 Datasheet HTML 19Page - CML Microcircuits EV6240 Datasheet HTML 20Page - CML Microcircuits EV6240 Datasheet HTML 21Page - CML Microcircuits EV6240 Datasheet HTML 22Page - CML Microcircuits EV6240 Datasheet HTML 23Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 47 page
background image
Evaluation Kit for CMX624/CMX644A
EV6240
19
© 1999 Consumer Microcircuits Limited
UM6240/3
The send text file facility can also be used for AT Command Scripts.
Note: some terminal emulators have been found not to support full hardware flow control when
transferring text files.
This could result in data loss when using this facility.
If this problem is
experienced users should try using a different terminal emulator
The following AT commands can be entered on a PC running Windows terminal emulator software,
such as the ‘Hyper Terminal’ program supplied with Windows ’95 or NT systems.
Basic AT Commands
Command
Description
A
Answer Command
The modem will go off-hook, transmit the answer tone, and wait for a carrier
from the remote modem.
Syntax: ATA<CR>
A/
Re-Execute Previous Command Line
Re-executes the last issued command line. This command does not require
the AT prefix or a carriage return.
Syntax: A/
Bn
Select Communications Standard
Selects the communications standard specified by the parameter n.
Syntax: ATBn<CR>
Modifier Usage
n=0 Selects ITU-T Standard (default).
n=1 Selects Bell Standard.
Dn
Dial Command
This command directs the modem to go off-hook, dial according to the string
entered and attempt to establish a connection. Number of DTMF digits
entered cannot exceed 16.
Syntax: ATDn1n2n3…….n16<CR>
Modifier Usage
n1..16=0-9, *, #, A-D DTMF digits.
n1=L Re-dial last number.
En
Echo Command Characters
Syntax: ATEn<CR>
Modifier Usage
n=0 Disables the echoing of commands to the screen
n=1 Enables echoing of commands to the screen (default).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com