Electronic Components Datasheet Search
  English  ▼

X  

EV6240 Datasheet(PDF) 22 Page - CML Microcircuits

Part # EV6240
Description  Opto-Isolated serial interface capability
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV6240 Datasheet(HTML) 22 Page - CML Microcircuits

Back Button EV6240 Datasheet HTML 18Page - CML Microcircuits EV6240 Datasheet HTML 19Page - CML Microcircuits EV6240 Datasheet HTML 20Page - CML Microcircuits EV6240 Datasheet HTML 21Page - CML Microcircuits EV6240 Datasheet HTML 22Page - CML Microcircuits EV6240 Datasheet HTML 23Page - CML Microcircuits EV6240 Datasheet HTML 24Page - CML Microcircuits EV6240 Datasheet HTML 25Page - CML Microcircuits EV6240 Datasheet HTML 26Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 47 page
background image
Evaluation Kit for CMX624/CMX644A
EV6240
22
© 1999 Consumer Microcircuits Limited
UM6240/3
Extended AT Commands
Command
Description
&Fn
Recall Factory Defaults
Instructs the modem to reload the factory S-Register settings.
Syntax: AT&Fn<CR>
Modifier Usage
n=0 Recalls factory profile 0.
n=1 Recalls factory profile 1.
&Gn
Guard Tone Select in ITU-T Mode
Guard tones are always disabled in the U.S.A.
Syntax: AT&Gn<CR>
Modifier Usage
n=0 Disable guard tone (default).
n=1 Select a 550Hz guard tone.
n=2 Select a 1800Hz guard tone.
&Ln
Select Line Interface
Selects the line interface specified by the parameter n. On-board miniature
switches must also be switched to required position.
Syntax: AT&Ln<CR>
Modifier Usage
n=0 Selects the 2-Wire line interface (default).
n=1 Selects the 4-Wire line interface.
&$
Extended AT Command Online Help
Displays all Extended AT Commands
Syntax: AT&$<CR>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com