Electronic Components Datasheet Search
  English  ▼

X  

FX929B Datasheet(PDF) 4 Page - CML Microcircuits

Part # FX929B
Description  Flexible Operating Modes
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX929B Datasheet(HTML) 4 Page - CML Microcircuits

  FX929B Datasheet HTML 1Page - CML Microcircuits FX929B Datasheet HTML 2Page - CML Microcircuits FX929B Datasheet HTML 3Page - CML Microcircuits FX929B Datasheet HTML 4Page - CML Microcircuits FX929B Datasheet HTML 5Page - CML Microcircuits FX929B Datasheet HTML 6Page - CML Microcircuits FX929B Datasheet HTML 7Page - CML Microcircuits FX929B Datasheet HTML 8Page - CML Microcircuits FX929B Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
4-Level FSK Modem Data Pump
FX929B
© 1997 Consumer Microcircuits Limited
4
D/929B/1
1.3
Signal List
Package
P4/D2/D5
Signal
Description
Pin No.
Name
Type
1
IRQN
O/P
A 'wire-ORable' output for connection to the host
µC's Interrupt Request input. This output has a
low impedance pull down to VSS when active
and is high impedance when inactive.
2
D7
BI
)
3
D6
BI
)
4
D5
BI
)
5
D4
BI
)
8-bit bidirectional 3-state
µC interface data
6
D3
BI
)
lines.
7
D2
BI
)
8
D1
BI
)
9
D0
BI
)
10
RDN
I/P
Read. An active low logic level input used to
control the reading of data from the modem into
the host
µC.
11
WRN
I/P
Write. An active low logic level input used to
control the writing of data into the modem from
the host
µC.
12
Vss
Power
The negative supply rail (ground).
13
CSN
I/P
Chip Select. An active low logic level input to
the modem, used to enable a data read or write
operation.
14
A0
I/P
)
Two logic level modem register select
15
A1
I/P
)
inputs.
16
XTALN
O/P
The output of the on-chip oscillator.
17
XTAL/CLOCK
I/P
The input to the on-chip oscillator, for external
Xtal circuit or clock.
18
19
DOC 2
DOC 1
O/P
O/P
)
Connections to the Rx level measurement
)
circuitry. A capacitor should be connected
)
from each pin to VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com