Electronic Components Datasheet Search
  English  ▼

X  

FX929B Datasheet(PDF) 7 Page - CML Microcircuits

Part # FX929B
Description  Flexible Operating Modes
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX929B Datasheet(HTML) 7 Page - CML Microcircuits

Back Button FX929B Datasheet HTML 3Page - CML Microcircuits FX929B Datasheet HTML 4Page - CML Microcircuits FX929B Datasheet HTML 5Page - CML Microcircuits FX929B Datasheet HTML 6Page - CML Microcircuits FX929B Datasheet HTML 7Page - CML Microcircuits FX929B Datasheet HTML 8Page - CML Microcircuits FX929B Datasheet HTML 9Page - CML Microcircuits FX929B Datasheet HTML 10Page - CML Microcircuits FX929B Datasheet HTML 11Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
4-Level FSK Modem Data Pump
FX929B
© 1997 Consumer Microcircuits Limited
7
D/929B/1
1.5
General Description
1.5.1
Description of Blocks
Data Bus Buffers
Eight bidirectional 3-state logic level buffers between the modem's internal registers and the host µC's data
bus lines.
Address and R/W Decode
This block controls the transfer of data bytes between the µC and the modem's internal registers, according to
the state of the Write and Read Enable inputs (WRN and RDN), the Chip Select input (CSN) and the Register
Address inputs A0 and A1.
The Data Bus Buffers, Address and R/W Decode blocks provide a byte-wide parallel µC interface, which can
be memory-mapped, as shown in Figure 3.
Figure 3 Typical Modem µC Connections
Status and Data Quality Registers
Two 8-bit registers which the µC can read to determine the status of the modem and the received data quality.
Command, Mode and Control Registers
The values written by the µC to these 8-bit registers control the operation of the modem.
Data Buffer
A 12-byte buffer used to hold receive or transmit data to or from the µC.
CRC Generator/Checker
A circuit which generates (in transmit mode) or checks (in receive mode) the Cyclic Redundancy Checksum
bits, which may be included in transmitted data blocks so that the receive modem can detect transmission
errors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com